Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18C658-E/CL Datasheet(PDF) 52 Page - Microchip Technology

Part # PIC18C658-E/CL
Description  High-Performance Microcontrollers with CAN Module
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18C658-E/CL Datasheet(HTML) 52 Page - Microchip Technology

Back Button PIC18C658-E/CL Datasheet HTML 48Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 49Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 50Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 51Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 52Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 53Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 54Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 55Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 366 page
background image
PIC18CXX8
DS30475A-page 52
Advanced Information
 2000 Microchip Technology Inc.
TABLE 4-3:
REGISTER FILE SUMMARY
Filename
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR,
BOR
Value on
all other
RESETS(3)
TOSU
—
—
—
Top-of-Stack upper Byte (TOS<20:16>)
---0 0000
---0 0000
TOSH
Top-of-Stack High Byte (TOS<15:8>)
0000 0000
0000 0000
TOSL
Top-of-Stack Low Byte (TOS<7:0>)
0000 0000
0000 0000
STKPTR
STKFUL
STKUNF
—
Return Stack Pointer
00-0 0000
00-0 0000
PCLATU
—
—
bit 21(3)
Holding Register for PC<20:16>
--00 0000
--00 0000
PCLATH
Holding Register for PC<15:8>
0000 0000
0000 0000
PCL
PC Low Byte (PC<7:0>)
0000 0000
0000 0000
TBLPTRU
—
—
bit 21(2)
Program Memory Table Pointer Upper Byte (TBLPTR<20:16>)
---0 0000
---0 0000
TBLPTRH
Program Memory Table Pointer High Byte (TBLPTR<15:8>)
0000 0000
0000 0000
TBLPTRL
Program Memory Table Pointer Low Byte (TBLPTR<7:0>)
0000 0000
0000 0000
TABLAT
Program Memory Table Latch
0000 0000
0000 0000
PRODH
Product Register High Byte
xxxx xxxx
uuuu uuuu
PRODL
Product Register Low Byte
xxxx xxxx
uuuu uuuu
INTCON
GIE/GIEH
PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
0000 000x
0000 000u
INTCON2
RBPU
INTEDG0
INTEDG1
INTEDG2
INTEDG3
TMR0IP
INT3IP
RBIP
1111 1111
1111 1111
INTCON3
INT2IP
INT1IP
INT3IE
INT2IE
INT1IE
INT3IF
INT2IF
INT1IF
1100 0000
1100 0000
INDF0
Uses contents of FSR0 to address data memory - value of FSR0 not changed (not a physical register)
n/a
n/a
POSTINC0
Uses contents of FSR0 to address data memory - value of FSR0 post-incremented (not a physical register)
n/a
n/a
POSTDEC0
Uses contents of FSR0 to address data memory - value of FSR0 post-decremented (not a physical register)
n/a
n/a
PREINC0
Uses contents of FSR0 to address data memory - value of FSR0 pre-incremented (not a physical register)
n/a
n/a
PLUSW0
Uses contents of FSR0 to address data memory - value of FSR0 pre-incremented (not a physical register) - value
of FSR0 offset by WREG
n/a
n/a
FSR0H
—
—
—
—
Indirect Data Memory Address Pointer 0 High
---- 0000
---- 0000
FSR0L
Indirect Data Memory Address Pointer 0 Low Byte
xxxx xxxx
uuuu uuuu
WREG
Working Register
xxxx xxxx
uuuu uuuu
INDF1
Uses contents of FSR1 to address data memory - value of FSR1 not changed (not a physical register)
n/a
n/a
POSTINC1
Uses contents of FSR1 to address data memory - value of FSR1 post-incremented (not a physical register)
n/a
n/a
POSTDEC1
Uses contents of FSR1 to address data memory - value of FSR1 post-decremented (not a physical register)
n/a
n/a
PREINC1
Uses contents of FSR1 to address data memory - value of FSR1 pre-incremented (not a physical register)
n/a
n/a
PLUSW1
Uses contents of FSR1 to address data memory - value of FSR1 pre-incremented (not a physical register) - value
of FSR1 offset by WREG
n/a
n/a
FSR1H
—
—
—
—
Indirect Data Memory Address Pointer 1 High
---- 0000
---- 0000
FSR1L
Indirect Data Memory Address Pointer 1 Low Byte
xxxx xxxx
uuuu uuuu
BSR
—
—
—
—
Bank Select Register
---- 0000
---- 0000
Legend:
x
= unknown, u = unchanged, - = unimplemented, q = value depends on condition
Note 1:
Bit 6 of PORTA, LATA and TRISA are enabled in ECIO and RCIO oscillator modes only. In all other oscillator modes, they are disabled and read ‘0’.
2:
Bit 21 of the TBLPTRU allows access to the device configuration bits.
3:
Other (non-power-up) RESETs include external RESET through MCLR and Watchdog Timer Reset.
4:
These registers are reserved on PIC18C658.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com