Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18C658-E/CL Datasheet(PDF) 98 Page - Microchip Technology

Part # PIC18C658-E/CL
Description  High-Performance Microcontrollers with CAN Module
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18C658-E/CL Datasheet(HTML) 98 Page - Microchip Technology

Back Button PIC18C658-E/CL Datasheet HTML 94Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 95Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 96Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 97Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 98Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 99Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 100Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 101Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 102Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 366 page
background image
PIC18CXX8
DS30475A-page 98
Advanced Information
 2000 Microchip Technology Inc.
TABLE 8-9:
PORTE FUNCTIONS
TABLE 8-10:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTE
Name
Bit#
Buffer Type
Function
RE0/RD
bit0
ST/TTL(1)
Input/output port pin or Read control input in Parallel Slave Port mode.
RE1/WR
bit1
ST/TTL(1)
Input/output port pin or Write control input in Parallel Slave Port mode.
RE2/CS
bit2
ST/TTL(1)
Input/output port pin or Chip Select control input in Parallel Slave Port
mode.
RE3
bit3
ST
Input/output port pin.
RE4
bit4
ST
Input/output port pin.
RE5
bit5
ST
Input/output port pin.
RE6
bit6
ST
Input/output port pin.
RE7/CCP2
bit7
ST
Input/output port pin or Capture 2 input/Compare 2 output.
Legend: ST = Schmitt Trigger input, TTL = TTL input
Note 1: Input buffers are Schmitt Triggers when in I/O mode and TTL buffer when in Parallel Slave Port mode.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Value on all
other
RESETS
TRISE
PORTE Data Direction Control Register
1111 1111
1111 1111
PORTE
Read PORTE pin/Write PORTE Data Latch
xxxx xxxx
uuuu uuuu
LATE
Read PORTE Data Latch/Write PORTE Data Latch
xxxx xxxx
uuuu uuuu
PSPCON
IBF
OBF
IBOV
PSPMODE
—
—
—
—
0000 ----
0000 ----
Legend: x = unknown, u = unchanged



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com