Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18C658-E/CL Datasheet(PDF) 104 Page - Microchip Technology

Part # PIC18C658-E/CL
Description  High-Performance Microcontrollers with CAN Module
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18C658-E/CL Datasheet(HTML) 104 Page - Microchip Technology

Back Button PIC18C658-E/CL Datasheet HTML 100Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 101Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 102Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 103Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 104Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 105Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 106Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 107Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 108Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 366 page
background image
PIC18CXX8
DS30475A-page 104
Advanced Information
 2000 Microchip Technology Inc.
8.8
PORTH, LATH, and TRISH Registers
PORTH is a 5-bit wide, bi-directional port available only
on the PIC18C858 devices. The corresponding Data
Direction register is TRISH. Setting a TRISH bit (=1)
will make the corresponding PORTH pin an input (i.e.,
put the corresponding output driver in a hi-impedance
mode). Clearing a TRISH bit (=0) will make the corre-
sponding PORTH pin an output (i.e., put the contents
of the output latch on the selected pin).
Read-modify-write operations on the LATH register
read and write the latched output value for PORTH.
Pins RH0-RH3 on the PIC18C858 are bi-directional I/O
pins with ST input buffers. Pins RH4-RH7 on all devices
are multiplexed with A/D converter inputs.
FIGURE 8-16: RH3:RH0 PINS BLOCK
DIAGRAM
EXAMPLE 8-8:
INITIALIZING PORTH
FIGURE 8-17: RH7:RH4 PINS BLOCK
DIAGRAM
Note:
This port is available on PIC18C858.
Note:
On a Power-on Reset, the RH7:RH4 pins
are configured as inputs and read as ’0’.
Data Bus
WR LATH
WR TRISH
RD
Data Latch
TRIS Latch
RD TRISH
Schmitt
Trigger
Q
D
Q
CK
QD
EN
Q
D
Q
CK
P
N
VDD
VSS
PORTH
I/O Pin
or
WR PORTH
RD LATH
Note:
I/O pins have diode protection to VDD and VSS.
CLRF
PORTH
; Initialize PORTH by
; clearing output
; data latches
CLRF
LATH
; Alternate method
; to clear output
; data latches
MOVLW
0x0F
;
MOVWF
ADCON1
;
MOVLW
0xCF
; Value used to
; initialize data
; direction
MOVWF
TRISH
; Set RH3:RH0 as inputs
; RH5:RH4 as outputs
; RH7:RH6 as inputs
Data
Bus
Q
D
Q
CK
Q
D
Q
CK
QD
EN
P
N
WR LATH
WR TRISH
Data Latch
TRIS Latch
RD TRISH
RD PORTH
VSS
VDD
I/O Pin
Analog
Input
Mode
ST
Input
Buffer
To A/D Converter
RD LATH
or
WR PORTH
Note:
I/O pins have diode protection to VDD and VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com