Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1040 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC1040
Description  Linear Building Block . Dual Low Power Comparator and Voltage Reference with Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1040 Datasheet(HTML) 4 Page - Microchip Technology

  TC1040 Datasheet HTML 1Page - Microchip Technology TC1040 Datasheet HTML 2Page - Microchip Technology TC1040 Datasheet HTML 3Page - Microchip Technology TC1040 Datasheet HTML 4Page - Microchip Technology TC1040 Datasheet HTML 5Page - Microchip Technology TC1040 Datasheet HTML 6Page - Microchip Technology TC1040 Datasheet HTML 7Page - Microchip Technology TC1040 Datasheet HTML 8Page - Microchip Technology TC1040 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TC1040
DS21345B-page 4
© 2002 Microchip Technology Inc.
3.0
DETAILED DESCRIPTION
The TC1040 is one of a series of very low power, linear
building block products targeted at low voltage, single
supply applications. The TC1040 minimum operating
voltage is 1.8V and typical supply current is only 10
µA
(fully enabled). It combines two comparators and a
voltage reference in a single package. A shutdown
mode is incorporated for easy adaptation to system
power management schemes. During shutdown, one
comparator is disabled (i.e., powered down with output
at a high impedance). The “still awake” comparator and
voltage reference can be used as a wake-up timer,
power
supply
monitor,
LDO
controller
or
other
continuous duty circuit function.
3.1
Comparators
The TC1040 contains two comparators. The compara-
tor’s input range extends beyond both supply voltages
by 200mV and the outputs will swing to within several
millivolts of the supplies, depending on the load current
being driven. The inverting input of Comparator A and
the non-inverting input of Comparator B are internally
connected to the output of the voltage reference.
The comparators exhibit a propagation delay and
supply current which are largely independent of supply
voltage. The low input bias current and offset voltage
make them suitable for high impedance precision
applications.
Comparator B is disabled during shutdown and has a
high impedance output. Comparator COMPA remains
active.
3.2
Voltage Reference
A 2.0 percent tolerance, internally biased, 1.20V
bandgap voltage reference is included in the TC1040.
It has a push-pull output capable of sourcing and
sinking 50
µA. The voltage reference remains fully
enabled during shutdown.
3.3
Shutdown Input
SHDN at VIL disables one comparator. The SHDN input
cannot be allowed to float; when not used, connect it to
VDD. The disabled comparator’s output is in a high
impedance state when shutdown is active. The
disabled comparator’s inputs and outputs can be driven
from rail-to-rail by an external voltage when the
TC1040 is in shutdown. No latchup will occur when the
device is driven to its enabled state when SHDN is set
to VIH.
4.0
TYPICAL APPLICATIONS
The TC1040 lends itself to a wide variety of
applications, particularly in battery powered systems. It
typically finds application in power management,
processor supervisory and interface circuitry.
4.1
Wake-Up Timer
Many microcontrollers have a low-power “sleep” mode
that significantly reduces their supply current. Typically,
the microcontroller is placed in this mode via a software
instruction, and returns to a fully-enabled state upon
reception of an external signal (“wake-up”). The wake-
up signal is usually supplied by a hardware timer. Most
system applications demand that this timer have a long
duration (typically seconds or minutes), and consume
as little supply current as possible.
The circuit shown in Figure 4-1 is a wake-up timer
made from Comparator A. (Comparator A is used
because the wake-up timer must operate when SHDN
is active.) Capacitor C1 charges through R1 until a
voltage equal to VR is reached, at which point the
“wake-up”
is driven active. Upon
wake-up, the
microcontroller resets the timer by forcing a logic low
on a dedicated, open drain I/O port pin. This discharges
C1 through R4 (the value of R4 is chosen to limit
maximum current sunk by the I/O port pin). With a 3V
supply, the circuit as shown consumes typically 8
µA
and furnishes a nominal timer duration of 25 seconds.
FIGURE 4-1:
WAKE-UP TIMER
Wake-Up
R1
5M
R4
VR
C1
10
µF
VDD
VDD
–
+
I/O*
*Open Drain Port Pin
Microcontroller
COMPA
1/2
TC1040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com