Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1040 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1040
Description  Linear Building Block . Dual Low Power Comparator and Voltage Reference with Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1040 Datasheet(HTML) 1 Page - Microchip Technology

  TC1040 Datasheet HTML 1Page - Microchip Technology TC1040 Datasheet HTML 2Page - Microchip Technology TC1040 Datasheet HTML 3Page - Microchip Technology TC1040 Datasheet HTML 4Page - Microchip Technology TC1040 Datasheet HTML 5Page - Microchip Technology TC1040 Datasheet HTML 6Page - Microchip Technology TC1040 Datasheet HTML 7Page - Microchip Technology TC1040 Datasheet HTML 8Page - Microchip Technology TC1040 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© 2002 Microchip Technology Inc.
DS21345B-page 1
Features
• Combines Two Comparators and a Voltage
Reference in a Single Package
• Optimized for Single Supply Operation
• Small Package: 8-Pin MSOP
• Ultra Low Input Bias Current: Less than 100pA
• Low Quiescent Current, Operating: 10
µA(Typ.)
Shutdown Mode: 6
µA(Typ.)
• Rail-to-Rail Inputs and Outputs
•Operates Down to VDD =1.8V
• Reference and One Comparator Remain Active in
Shutdown to Provide Supervisory Functions
Applications
• Power Supply Circuits
• Battery Operated Equipment
• Consumer Products
• Replacements for Discrete Components
Device Selection Table
Package Type
General Description
The TC1040 is a mixed-function device combining two
comparators and a voltage reference in a single 8-pin
package. The inverting input of Comparator A and the
non-inverting input of Comparator B are internally
connected to the reference.
This increased integration allows the user to replace
two packages, which saves space, lowers supply
current and increases system performance. The
TC1040 operates from two 1.5V alkaline cells down to
VDD = 1.8V. It requires only 10µA typical of supply
current, which significantly extends battery life. A low
power shutdown input (SHDN) disables one of the
comparators, placing its outputs in a high-impedance
state. This mode saves battery power and allows
comparator outputs to share common analog lines
(multiplexing). Shutdown current is 6
µA(typical).
Rail-to-rail inputs and outputs allow operation from low
supply voltages with large input and output signal
swings.
Packaged in an 8-Pin MSOP, the TC1040 is ideal for
applications requiring low power level detection.
Functional Block Diagram
Part Number
Package
Temperature
Range
TC1040CEUA
8-Pin MSOP
-40°C to +85°C
INB-
REF
1
2
3
4
8
7
6
5
TC1040CEUA
8-Pin MSOP
OUTB
VDD
INA+
VSS
OUTA
SHDN
–
–
TC1040
OUTB
VDD
REF
SHDN
INB-
INA+
VSS
OUTA
B
A
Voltage
Reference
VSS
1
2
3
4
5
6
7
8
TC1040
Linear Building Block – Dual Low Power Comparator and
Voltage Reference with Shutdown


Similar Part No. - TC1040

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1041 MICROCHIP-TC1041 Datasheet
443Kb / 14P
Linear Building Block . Dual Low Power Comparator and Voltage Reference with Programmable Hysteresis
2002
TC1041CEOA MICROCHIP-TC1041CEOA Datasheet
443Kb / 14P
Linear Building Block . Dual Low Power Comparator and Voltage Reference with Programmable Hysteresis
2002
TC1041CEUA MICROCHIP-TC1041CEUA Datasheet
443Kb / 14P
Linear Building Block . Dual Low Power Comparator and Voltage Reference with Programmable Hysteresis
2002
TC1043 MICROCHIP-TC1043 Datasheet
508Kb / 20P
Linear Building Block . Low Power Voltage Reference with Dual Op Amp, Dual Comparator, and Shutdown Mode
2002
TC1043CEQR MICROCHIP-TC1043CEQR Datasheet
508Kb / 20P
Linear Building Block . Low Power Voltage Reference with Dual Op Amp, Dual Comparator, and Shutdown Mode
2002
More results

Similar Description - TC1040

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1027 TELCOM-TC1027 Datasheet
28Kb / 1P
LINEAR BUILDING BLOCK - QUAD LOW POWER COMPARATOR AND VOLTAGE REFERENCE
TC1028 TELCOM-TC1028 Datasheet
26Kb / 1P
LINEAR BUILDING BLOCK - QUAD LOW POWER COMPARATOR AND VOLTAGE REFERENCE WITH SHUTDOWN
TC1031 TELCOM-TC1031 Datasheet
22Kb / 1P
LINEAR BUILDING BLOCK - LOW POWER COMPARATOR AND VOLTAGE REFERENCE
TC43 TELCOM-TC43 Datasheet
75Kb / 6P
LINEAR BUILDING BLOCK - VOLTAGE REFERENCE, DUAL OP AMP, DUAL COMPARATOR WITH SHUTDOWN MODE
logo
Microchip Technology
TC1031 MICROCHIP-TC1031 Datasheet
430Kb / 12P
Linear Building Block . Low Power Voltage Reference with Programmable Hysteresis Comparator and Shutdown
2002
TC1041 MICROCHIP-TC1041 Datasheet
443Kb / 14P
Linear Building Block . Dual Low Power Comparator and Voltage Reference with Programmable Hysteresis
2002
TC1043 MICROCHIP-TC1043 Datasheet
508Kb / 20P
Linear Building Block . Low Power Voltage Reference with Dual Op Amp, Dual Comparator, and Shutdown Mode
2002
TC1026 MICROCHIP-TC1026 Datasheet
517Kb / 18P
Linear Building Block - Low Power Comparator with Op Amp and Voltage Reference
2002
TC1027 MICROCHIP-TC1027 Datasheet
486Kb / 18P
Linear Building Block - Quad Low Power Comparator and Voltage Reference
2002
TC1031 MICROCHIP-TC1031_05 Datasheet
257Kb / 14P
Linear Building Block - Low Power Voltage Reference with Programmable Hysteresis Comparator and Shutdown
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com