Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBA Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # MMBA
Description  METALLIZED POLYESTER FILM CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

MMBA Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  MMBA_15 Datasheet HTML 1Page - RUBYCON CORPORATION MMBA_15 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
◆SPECIFICATIONS
−40℃∼+85℃
±10%(K)
0.01max at 1kHz
UR×230% 60s
JIS C 5101-1
125Vac, 250Vac
Rated Voltage (UR)
Category Temperature Range
Voltage Proof
Reference Standard
C≦0.33μF:9000MΩ min
2000MΩ min
C>0.33μF:3000ΩF min
125VAC
250VAC
Insulation Resistance
Capacitance Tolerance
tanδ
◆PART NUMBER
METALLIZED POLYESTER FILM CAPACITORS
MMBA
SERIES
MMBA
◆OUTLINE
(mm)
□□□
Rated Voltage
MMBA
Series
□□□
Option
□□
Lead Forming
□□□
Capacitance
□
Capacitance Tolerance
◆FEATURES
・Reliability is excellent because these capacitors provide self-healing.
・Coated with flame-retardant (UL94 V-0) epoxy resin.
・RoHS compliance.
Across-the-line
◆PERMISSIBLE CURRENT FOR FREQUENCY
0
1
2
3
4
5
10
100
1000
105
474
224
104
473
223
103
Frequency
(kHz)
125Vac
0
1
2
3
4
5
10
100
1000
Frequency
(kHz)
250Vac
105
474
224
104
473
223
103
Blank
E7,H7,Y7,17 S7,W7,Q7
TC,TX,TH
TL,TJ,TN
TS(F=7.5)
 TS(F=10)
A max
F
B max
φd±0.05
F
LS
F
LS
P
LS
P0
P0
P
LS=F
P0
P
LS=F
P0
P
LS


Similar Part No. - MMBA_15

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBA811C5 SAMSUNG-MMBA811C5 Datasheet
27Kb / 1P
PNP (DRIVER TRANSISTOR)
MMBA811C6 SAMSUNG-MMBA811C6 Datasheet
26Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR
MMBA811C7 SAMSUNG-MMBA811C7 Datasheet
27Kb / 1P
PNP (DRIVER TRANSISTOR)
MMBA811C8 SAMSUNG-MMBA811C8 Datasheet
25Kb / 1P
PNP (DRIVER TRANSISTOR)
MMBA812M3 SAMSUNG-MMBA812M3 Datasheet
25Kb / 1P
PNP (GENERAL PURPOSE TRANSISTOR)
More results

Similar Description - MMBA_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MKT370 PHILIPS-MKT370 Datasheet
1Mb / 74P
Metallized polyester film capacitors
2001 Jun 22
logo
RUBYCON CORPORATION
MMK RUBYCON-MMK Datasheet
45Kb / 2P
METALLIZED POLYESTER FILM CAPACITORS
logo
List of Unclassifed Man...
MKT365 ETC2-MKT365 Datasheet
181Kb / 30P
Metallized polyester film capacitors
logo
EPCOS
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
Film Capacitors Metallized Polyester Film Capacitors
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
Film Capacitors Metallized Polyester Film Capacitors
logo
MERITEK ELECTRONICS COR...
DMPE MERITEK-DMPE Datasheet
122Kb / 1P
Metallized Polyester Film Capacitors
TMPE MERITEK-TMPE Datasheet
167Kb / 1P
Metallized Polyester Film Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com