Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # MPC
Description  POWER FILM CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

MPC Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  MPC Datasheet HTML 1Page - RUBYCON CORPORATION MPC Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆STANDARD SIZE
Part No.
Cap Tolerance(%)
Dimensions (mm)
Cap(μF)
Rated
Voltage
AB
C
F
Permissible Current
(Arms/10kHz)
630
Vdc
1200
Vdc
□:Capacitance Tolerance  **:Terminal Code
・Different capacitance and rated voltage item is available. For details, please consult our sales offices.
POWER FILM CAPACITORS
MPC
1.2
3.1
4.8
5.5
5.5
9.1
1.2
3.1
4.4
4.6
7.0
0.1
0.22
0.47
0.68
1.0
2.2
0.1
0.22
0.47
0.68
1.0
37
37
37
37
48
58
37
37
48
58
58
19
24
24
24
22
26
19
24
24
26
30
32.5
37
37
37
35
40
32.5
37
38
40
44
22
22
22
22
22, 28
22, 28
22
22
22, 28
22, 28
22, 28
630MPC104□R99L2
630MPC224□R99L2
630MPC474□R99L2
630MPC684□R99L2
630MPC105□R99L**
630MPC225□R99L**
121MPC104□R99L2
121MPC224□R99L2
121MPC474□R99L**
121MPC684□R99L**
121MPC105□R99L**
J
(±5%)
K
(±10%)
J
(±5%)
K
(±10%)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com