Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # MPC
Description  POWER FILM CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

MPC Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  MPC Datasheet HTML 1Page - RUBYCON CORPORATION MPC Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWER FILM CAPACITORS
MPC
◆PART NUMBER
◆FEATURES
・For snubber circuit.
・Reliability is excellent because these capacitors provide self-healing.
・High isolation andlow loss of polypropylene film used.
・RoHS compliance.
SERIES
MPC
□□□
Rated Voltage
MPC
Series
R99
Option
L□
Terminal Code
F=22:L2
F=28:L8
□□□
Capacitance
□
Capacitance Tolerance
◆SPECIFICATIONS
630Vdc, 1200Vdc
Category Temperature Range
Rated Voltage
0.1μF∼2.2μF
±5%(J), ±10%(K)
10000 Ω・F (20℃ 60s 500Vdc)
PBT・PPS Resin
Epoxy Resin
0.002Max (1KHz 25℃±5℃)
Between the terminals : Rated Voltage x 1.75 10s
Between the terminal and case : 2000Vdc 10s
Capacitance
Voltage Proof
Insulation Resistance
Case
Filling Resin
Capacitance Tolerance
tanδ
−40℃∼+85℃
◆OUTLINE
(mm)
Low ESR, High Ripple Current, Rectangular Type
A±1
F±0.5


Similar Part No. - MPC

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
MPC DBLECTRO-MPC Datasheet
178Kb / 2P
Metallized Polyester Film Capacitor (Axial and Oval)
logo
Hammond Manufacturing L...
MPC HAMMOND-MPC Datasheet
60Kb / 1P
Plaque de recouvrement a aimant
logo
API Technologies Corp
MPC APITECH-MPC Datasheet
142Kb / 2P
61-MPC Series
logo
Neutrik AG
MPC NEUTRIK-MPC Datasheet
6Mb / 24P
Circular Connectors
2019/07-V20
logo
TE Connectivity Ltd
MPC TEC-MPC Datasheet
1Mb / 16P
Passive Components
August 2007
More results

Similar Description - MPC

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25667C2557A175 TDK-B25667C2557A175 Datasheet
174Kb / 10P
Film Capacitors ??Power Electronic Capacitors
B25667C4347A375 TDK-B25667C4347A375 Datasheet
166Kb / 10P
Film Capacitors ??Power Electronic Capacitors
B25667C4467A375 TDK-B25667C4467A375 Datasheet
167Kb / 10P
Film Capacitors ??Power Electronic Capacitors
B25667C4866A375 TDK-B25667C4866A375 Datasheet
170Kb / 10P
Film Capacitors ??Power Electronic Capacitors
B25667C5117A175 TDK-B25667C5117A175 Datasheet
175Kb / 10P
Film Capacitors ??Power Electronic Capacitors
B25667C5127A375 TDK-B25667C5127A375 Datasheet
167Kb / 10P
Film Capacitors ??Power Electronic Capacitors
logo
RUBYCON CORPORATION
HVC RUBYCON-HVC Datasheet
188Kb / 2P
POWER FILM CAPACITORS
MPCA RUBYCON-MPCA Datasheet
189Kb / 2P
POWER FILM CAPACITORS
MPX RUBYCON-MPX Datasheet
157Kb / 2P
POWER FILM CAPACITORS
MPXA RUBYCON-MPXA Datasheet
114Kb / 1P
POWER FILM CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com