Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPCA Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # MPCA
Description  POWER FILM CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

MPCA Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  MPCA Datasheet HTML 1Page - RUBYCON CORPORATION MPCA Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWER FILM CAPACITORS
MPCA
◆PART NUMBER
◆FEATURES
For electrical equipment.
Reliability is excellent because these capacitors provide self-healing.
High isolation andlow loss of polypropylene film used.
Flat metal terminals.
RoHS compliance.
SERIES
MPCA
□□□
Rated Voltage
MPCA
Series
R99
Option
L
Terminal Code
□□□
Capacitance
Capacitance Tolerance
◆SPECIFICATIONS
220Vac, 275Vac, 480Vac
Category Temperature Range
Rated Voltage
1μF∼100μF
±5%(J), −5%∼+10%(U), ±10%(K)
6000 Ω・F (20℃ 120s 500Vdc)
PBT・PPS Resin
Epoxy Resin
JIS C 4908
0.003Max (1KHz 25℃±5℃)
Between the terminals : Rated Voltage x 1.75 10s
Between the terminal and case : 2000Vac 10s
Capacitance
Voltage Proof
Insulation Resistance
Case
Filling Resin
Reference Standard
Capacitance Tolerance
tanδ
−25℃∼+70℃
◆OUTLINE
(mm)
For AC line, Rectangular Type
A±1
F±0.5


Similar Part No. - MPCA

ManufacturerPart #DatasheetDescription
logo
DANFOSS POWER SOLUTIONS
MPCAN DANFOSS-MPCAN Datasheet
295Kb / 2P
Remote Control MPCAN Receiver
February 2022
More results

Similar Description - MPCA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25667C2557A175 TDK-B25667C2557A175 Datasheet
174Kb / 10P
Film Capacitors ??Power Electronic Capacitors
B25667C4347A375 TDK-B25667C4347A375 Datasheet
166Kb / 10P
Film Capacitors ??Power Electronic Capacitors
B25667C4467A375 TDK-B25667C4467A375 Datasheet
167Kb / 10P
Film Capacitors ??Power Electronic Capacitors
B25667C4866A375 TDK-B25667C4866A375 Datasheet
170Kb / 10P
Film Capacitors ??Power Electronic Capacitors
B25667C5117A175 TDK-B25667C5117A175 Datasheet
175Kb / 10P
Film Capacitors ??Power Electronic Capacitors
B25667C5127A375 TDK-B25667C5127A375 Datasheet
167Kb / 10P
Film Capacitors ??Power Electronic Capacitors
logo
RUBYCON CORPORATION
HVC RUBYCON-HVC Datasheet
188Kb / 2P
POWER FILM CAPACITORS
MPC RUBYCON-MPC Datasheet
284Kb / 2P
POWER FILM CAPACITORS
MPX RUBYCON-MPX Datasheet
157Kb / 2P
POWER FILM CAPACITORS
MPXA RUBYCON-MPXA Datasheet
114Kb / 1P
POWER FILM CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com