Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPCA Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # MPCA
Description  POWER FILM CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

MPCA Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  MPCA Datasheet HTML 1Page - RUBYCON CORPORATION MPCA Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POWER FILM CAPACITORS
MPCA
◆STANDARD SIZE
Part No.
Cap Tolerance(%)
Dimensions (mm)
Cap(μF)
Rated
Voltage
AB
C
F
220
Vac
275
Vac
480
Vac
□:Capacitance Tolerance
・Different capacitance and rated voltage item is available. For details, please consult our sales offices.
1
2
3
4
5
6
7
8
9
10
12
14
16
18
20
30
40
50
60
70
80
90
100
1
2
3
4
5
6
7
8
9
10
12
14
16
18
20
30
40
50
1
2
3
4
5
6
7
8
9
10
12
37
37
37
37
37
37
48
48
48
48
48
48
58
58
58
58
58
78
78
78
78
78
78
37
37
37
37
48
48
48
48
48
58
58
58
58
58
58
78
78
78
37
48
58
58
58
58
58
58
78
78
78
15
15
15
15
19
19
18
18
18
22
22
24
26
26
26
34
34
44
44
44
44
44
44
15
15
19
19
18
22
22
24
24
26
26
26
30
30
30
44
44
44
19
22
26
26
30
30
34
34
44
44
44
29
29
29
29
32.5
32.5
30
30
30
35
35
38
40
40
40
49
49
58
58
58
58
58
58
29
29
32.5
32.5
30
35
35
38
38
40
40
40
44
44
44
58
58
58
32.5
35
40
40
44
44
49
49
58
58
58
52
52
52
52
52
52
62
62
62
62
62
62
72
72
72
72
72
92
92
92
92
92
92
52
52
52
52
62
62
62
62
62
72
72
72
72
72
72
92
92
92
52
62
72
72
72
72
72
72
92
92
92
220MPCA105□R99L
220MPCA205□R99L
220MPCA305□R99L
220MPCA405□R99L
220MPCA505□R99L
220MPCA605□R99L
220MPCA705□R99L
220MPCA805□R99L
220MPCA905□R99L
220MPCA106□R99L
220MPCA126□R99L
220MPCA146□R99L
220MPCA166□R99L
220MPCA186□R99L
220MPCA206□R99L
220MPCA306□R99L
220MPCA406□R99L
220MPCA506□R99L
220MPCA606□R99L
220MPCA706□R99L
220MPCA806□R99L
220MPCA906□R99L
220MPCA107□R99L
275MPCA105□R99L
275MPCA205□R99L
275MPCA305□R99L
275MPCA405□R99L
275MPCA505□R99L
275MPCA605□R99L
275MPCA705□R99L
275MPCA805□R99L
275MPCA905□R99L
275MPCA106□R99L
275MPCA126□R99L
275MPCA146□R99L
275MPCA166□R99L
275MPCA186□R99L
275MPCA206□R99L
275MPCA306□R99L
275MPCA406□R99L
275MPCA506□R99L
480MPCA105□R99L
480MPCA205□R99L
480MPCA305□R99L
480MPCA405□R99L
480MPCA505□R99L
480MPCA605□R99L
480MPCA705□R99L
480MPCA805□R99L
480MPCA905□R99L
480MPCA106□R99L
480MPCA126□R99L
J
(±5%)
U
(-5%∼+10%)
K
(±10%)
J
(±5%)
U
(-5%∼+10%)
K
(±10%)
J
(±5%)
U
(-5%∼+10%)
K
(±10%)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com