Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1044S Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1044S
Description  Charge Pump DC-TO-DC Voltage Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1044S Datasheet(HTML) 1 Page - Microchip Technology

  TC1044S Datasheet HTML 1Page - Microchip Technology TC1044S Datasheet HTML 2Page - Microchip Technology TC1044S Datasheet HTML 3Page - Microchip Technology TC1044S Datasheet HTML 4Page - Microchip Technology TC1044S Datasheet HTML 5Page - Microchip Technology TC1044S Datasheet HTML 6Page - Microchip Technology TC1044S Datasheet HTML 7Page - Microchip Technology TC1044S Datasheet HTML 8Page - Microchip Technology TC1044S Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TC1044S
TC1044S-12 9/16/96
EVALUATION
KIT
AVAILABLE
© 2001 Microchip Technology Inc.
DS21348A
Charge Pump DC-TO-DC Voltage Converter
FEATURES
s
Converts +5V Logic Supply to
±5V System
s
Wide Input Voltage Range .................... 1.5V to 12V
s
Efficient Voltage Conversion ......................... 99.9%
s
Excellent Power Efficiency ............................... 98%
s
Low Power Consumption ............ 80
µA @ VIN = 5V
s
Low Cost and Easy to Use
— Only Two External Capacitors Required
s
RS-232 Negative Power Supply
s
Available in 8-Pin Small Outline (SOIC) and 8-Pin
Plastic DIP Packages
s
Improved ESD Protection ..................... Up to 10kV
s
No External Diode Required for High Voltage
Operation
s
Frequency Boost Raises FOSC to 45kHz
GENERAL DESCRIPTION
The TC1044S is a pin-compatible upgrade to the Indus-
try standard TC7660 charge pump voltage converter. It
converts a +1.5V to +12V input to a corresponding –1.5V
to –12V output using only two low cost capacitors, eliminat-
ing inductors and their associated cost, size and EMI.
Added features include an extended supply range to 12V,
and a frequency boost pin for higher operating frequency,
allowing the use of smaller external capacitors.
The on-board oscillator operates at a nominal frequency
of 10kHz. Frequency is increased to 45kHz when pin 1 is
connected to V
+. Operation below 10kHz (for lower supply
current applications) is possible by connecting an external
capacitor from OSC to ground (with pin 1 open).
The TC1044S is available in both 8-pin DIP and
8-pin small outline (SOIC) packages in commercial and
extended temperature ranges.
FUNCTIONAL BLOCK DIAGRAM
TC1044S
GND
INTERNAL
VOLTAGE
REGULATOR
RC
OSCILLATOR
VOLTAGE–
LEVEL
TRANSLATOR
2
V +
CAP +
82
7
6
OSC
LV
3
LOGIC
NETWORK
VOUT
5
CAP –
4
1
BOOST
ORDERING INFORMATION
Part No.
Package
Temp. Range
TC1044SCOA
8-Pin SOIC
0
°C to +70°C
TC1044SCPA
8-Pin Plastic DIP
0
°C to +70°C
TC1044SEOA
8-Pin SOIC
– 40
°C to +85°C
TC1044SEPA
8-Pin Plastic DIP
– 40
°C to +85°C
TC1044SIJA
8-Pin CerDIP
– 25
°C to +85°C
TC1044SMJA
8-Pin CerDIP
– 55
°C to +125°C
TC7660EV
Charge Pump Family Evaluation Kit
PIN CONFIGURATION (DIP AND SOIC)
1
2
3
4
8
7
6
5
TC1044SCPA
TC1044SEPA
TC1044SIJA
TC1044SMJA
BOOST
CAP +
GND
CAP –
VOUT
LOW
VOLTAGE (LV)
OSC
+
V
1
2
3
4
8
7
6
5
TC1044SCOA
TC1044SEOA
BOOST
CAP +
GND
CAP –
VOUT
LOW
VOLTAGE (LV)
OSC
+
V


Similar Part No. - TC1044S

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1044S TELCOM-TC1044S Datasheet
141Kb / 8P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC1044SCOA TELCOM-TC1044SCOA Datasheet
141Kb / 8P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC1044SCPA TELCOM-TC1044SCPA Datasheet
141Kb / 8P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC1044SEOA TELCOM-TC1044SEOA Datasheet
141Kb / 8P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC1044SEPA TELCOM-TC1044SEPA Datasheet
141Kb / 8P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
More results

Similar Description - TC1044S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC7660 ONSEMI-MC7660 Datasheet
191Kb / 12P
Charge Pump DC-to-DC Voltage Converter
February, 2000 ??Rev. 2
logo
TelCom Semiconductor, I...
TC1044S TELCOM-TC1044S Datasheet
141Kb / 8P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC7660 TELCOM-TC7660 Datasheet
131Kb / 9P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC7660S TELCOM-TC7660S Datasheet
136Kb / 8P
SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC7662B TELCOM-TC7662B Datasheet
133Kb / 9P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7660 MICROCHIP-TC7660 Datasheet
91Kb / 12P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
TC7660S MICROCHIP-TC7660S Datasheet
95Kb / 11P
SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
TC7662B MICROCHIP-TC7662B Datasheet
92Kb / 11P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
TC7660 MICROCHIP-TC7660_02 Datasheet
386Kb / 18P
Charge Pump DC-to-DC Voltage Converter
2002
TC7660 MICROCHIP-TC7660_16 Datasheet
1Mb / 20P
Charge Pump DC-to-DC Voltage Converter
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com