Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV99 Datasheet(PDF) 1 Page - Kingtronics International Company

Part # BAV99
Description  Repetitive Peak Reverse Voltage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

BAV99 Datasheet(HTML) 1 Page - Kingtronics International Company

  BAV99 Datasheet HTML 1Page - Kingtronics International Company BAV99 Datasheet HTML 2Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Fast switching in thick and thin-film circuits diode
Absolute Maximum Ratings (Ta = 25℃)
PARAMETER
SYMBOL
VALUE
UNIT
Repetitive Peak Reverse Voltage
VRRM
85
V
Continuous Reverse Voltage
VR
75
V
Continuous Forward Current (Double Diode Loaded)
IF
125
mA
Continuous Forward Current (Single Diode Loaded)
IF
215
mA
Repetitive Peak Forward Current
IFRM
450
mA
Non-repetitive Peak Forward Surge Current
att=1 s
att=1 ms
att=1
μs
IFSM
0.5
1
4.5
A
Power Dissipation
Ptot
350
mW
Junction Temperature
Tj
150
℃
Storage Temperature Range
Tstg
- 65 to + 150
℃
Characteristics at Ta = 25℃
PARAMETER
SYMBOL
MAX.
UNIT
Forward Voltage
atIF = 1 mA
atIF = 10 mA
atIF = 50mA
atIF = 150 mA
VF
0.715
0.855
1
1.25
V
Reverse Current
atVR =25V
atVR = 75V
atVR =25V,TJ = 150℃
atVR =75 V,TJ = 150℃
IR
30
1
30
50
nA
µA
µA
µA
Diode Capacitance
atVR =0,f=1MHz
Cd
1.5
pF
Reverse Recovery Time
atIF =IR =10mA,IR =1mA,RL =100
Ω
trr
4
ns
Marking Code: A7
SOT-23 Plastic Package
BAV99
Silicon Epitaxial Planar
Switching Diode
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099


Similar Part No. - BAV99

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV99 PANJIT-BAV99 Datasheet
113Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAV99 PHILIPS-BAV99 Datasheet
56Kb / 12P
High-speed double diode
1999 May 11
logo
Vishay Siliconix
BAV99 VISHAY-BAV99 Datasheet
53Kb / 4P
Dual Surface Mount Switching Diode
06-Aug-99
logo
Won-Top Electronics
BAV99 WTE-BAV99 Datasheet
46Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Zowie Technology Corpor...
BAV99 ZOWIE-BAV99 Datasheet
51Kb / 2P
DUAL SERIES SWITCHING DIODE
More results

Similar Description - BAV99

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N248B NJSEMI-1N248B Datasheet
129Kb / 1P
PEAK REPETITIVE REVERSE VOLTAGE DC BLOCKING VOLTAGE
2N6075 NJSEMI-2N6075 Datasheet
133Kb / 1P
REPETITIVE PEAK OFF-STATE VOLTAGE
2N6165 NJSEMI-2N6165 Datasheet
173Kb / 2P
REPETITIVE PEAK OFF-STATE VOLTAGE
logo
Fairchild Semiconductor
1N458ATR FAIRCHILD-1N458ATR Datasheet
33Kb / 2P
Maximum Repetitive Reverse Voltage
1N4148 FAIRCHILD-1N4148 Datasheet
146Kb / 7P
Maximum Repetitive Reverse Voltage
logo
First Components Intern...
FMBD4148 FCI-FMBD4148 Datasheet
176Kb / 2P
350mW Switching Diode Peak Repetitive Peak reverse voltage VRRM
FTD182 FCI-FTD182 Datasheet
155Kb / 1P
DIODE TRIO DELCO TYPE Repetitive Peak Reverse Voltage VRRM 200
logo
SEMTECH ELECTRONICS LTD...
MCR100-3 SEMTECH_ELEC-MCR100-3 Datasheet
283Kb / 2P
Peak Repetitive Forward and Reverse Blocking
logo
Infineon Technologies A...
D2650N INFINEON-D2650N Datasheet
246Kb / 8P
Periodische Spitzensperrspannung repetitive peak reverse voltages
2009-06-15 revision: 1
logo
Shanghai Leiditech Elec...
BTA16 LEIDITECH-BTA16 Datasheet
690Kb / 4P
Off-state repetitive peak voltage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com