Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC105 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC105
Description  PFM/PWM Step-Down DC/DC Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC105 Datasheet(HTML) 1 Page - Microchip Technology

  TC105 Datasheet HTML 1Page - Microchip Technology TC105 Datasheet HTML 2Page - Microchip Technology TC105 Datasheet HTML 3Page - Microchip Technology TC105 Datasheet HTML 4Page - Microchip Technology TC105 Datasheet HTML 5Page - Microchip Technology TC105 Datasheet HTML 6Page - Microchip Technology TC105 Datasheet HTML 7Page - Microchip Technology TC105 Datasheet HTML 8Page - Microchip Technology TC105 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© 2002 Microchip Technology Inc.
DS21349B-page 1
TC105
Features
•57
µA (Typ) Supply Current
• 1A Output Current
•0.5
µA Shutdown Mode
• 300kHz Switching Frequency for Small Inductor
Size
• Programmable Soft-Start
• 92% Typical Efficiency
• Small Package: 5-Pin SOT-23A
Applications
•Palmtops
• Battery-Operated Systems
• Portable Instruments
• Positive LCD Bias Generators
• Portable Communicators
• Hand-Held Scanners
• 5V to 3V Down Converters
Device Selection Table
*Other
output
voltages
are
available.
Please
contact
Microchip Technology Inc. for details.
Package Type
General Description
The TC105 is a step-down (Buck) switching controller
that furnishes output currents of up to 1A (max) while
delivering a typical efficiency of 92%. The TC105
normally operates in pulse width modulation mode
(PWM), but automatically switches to pulse frequency
modulation (PFM) at low output loads for greater
efficiency. Oscillator frequency is 300kHz, allowing use
of small (22
µH) inductors. Supply current draw is only
102
µA (max), and is reduced to less than 0.5µAwhen
the SHDN input is brought low. Regulator operation is
suspended during shutdown. The TC105 accepts a
maximum input voltage of 10V.
TheTC105 is availableinasmall 5-PinSOT-23A
package, occupies minimum board space and is ideal
for a wide range of applications.
Functional Block Diagram
Part
Number
Output
Voltage
(V)*
Package
Osc.
Freq.
(kHz)
Operating
Temp.
Range
TC105503ECT
5.0
5-Pin SOT-23A
300
-40
°Cto +85°C
TC105333ECT
3.3
5-Pin SOT-23A
300
-40
°Cto +85°C
TC105303ECT
3.0
5-Pin SOT-23A
300
-40
°Cto +85°C
TC105
1
23
5
4
VDD
GND
5-Pin SOT-23A
NOTE: 5-Pin SOT-23A is equivalent to the EIAJ SC-74A
VOUT
SHDN
EXT
(From System
Control Logic)
5
4
TC105333ECT
1
3
2
VDD
EXT
GND
VOUT
ON
OFF
SHDN
3.3V
VOUT
L1 22µH (Sumida CD54)
D1
MA737
Si 9430 P
VBATT
6V
NiMH
C1 10µF/16V
RSS 470K
CSS
0.033
µF
C2
47
µF
10V
Tantalum
3.3V Regulated Supply Using 6V
NiMH Battery Pack Input
+
–
PFM/PWM Step-Down DC/DC Controller


Similar Part No. - TC105

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TC10501 CDE-TC10501 Datasheet
152Kb / 2P
Axial Leaded Aluminum Electrolytic Capacitors
logo
Microchip Technology
TC105303ECT MICROCHIP-TC105303ECT Datasheet
197Kb / 14P
PFM/PWM Step-Down DC/DC Controller
2001-2012 10/26/12
TC105333ECT MICROCHIP-TC105333ECT Datasheet
197Kb / 14P
PFM/PWM Step-Down DC/DC Controller
2001-2012 10/26/12
logo
TelCom Semiconductor, I...
TC1054 TELCOM-TC1054 Datasheet
123Kb / 12P
50mA CMOS LDO WITH SHUTDOWN AND ERROR OUTPUT
logo
Microchip Technology
TC1054 MICROCHIP-TC1054 Datasheet
501Kb / 18P
50mA, 100mA and 150mA CMOS LDOs with Shutdown and ERROR Output
2002
More results

Similar Description - TC105

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC110 MICROCHIP-TC110 Datasheet
464Kb / 16P
PFM/PWM Step-Up DC/DC Controller
2002
logo
ON Semiconductor
NCP1550SN18T1 ONSEMI-NCP1550SN18T1 Datasheet
191Kb / 18P
600 kHz PWM/PFM Step-Down DC-DC Controller
September, 2004 ??Rev. 6
logo
Anachip Corp
AP1625 ANACHIP-AP1625 Datasheet
159Kb / 5P
PWM/PFM Dual Mode Step-down DC/DC Controller
Rev.1.1 May.27, 2004
logo
Unisonic Technologies
M7085 UTC-M7085 Datasheet
130Kb / 8P
PFM STEP-DOWN DC-DC CONTROLLER
logo
Microchip Technology
TC110 MICROCHIP-TC110 Datasheet
465Kb / 16P
PFM/PWM Step-Up DC/DC Controller
2002
logo
Unisonic Technologies
UC3750 UTC-UC3750 Datasheet
211Kb / 9P
600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
M7085 UTC-M7085_12 Datasheet
231Kb / 7P
PFM STEP-DOWN DC-DC CONTROLLER
UC3750 UTC-UC3750_11 Datasheet
203Kb / 8P
600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
logo
SHANGHAI BELLING CO., L...
BL8523 BELLING-BL8523 Datasheet
525Kb / 5P
PWM/PFM Step-down DC-DC Controller
logo
Microchip Technology
TC105 MICROCHIP-TC105_13 Datasheet
197Kb / 14P
PFM/PWM Step-Down DC/DC Controller
2001-2012 10/26/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com