Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1107 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1107
Description  300mA CMOS LDO with Shutdown and VREF Bypass
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1107 Datasheet(HTML) 1 Page - Microchip Technology

  TC1107 Datasheet HTML 1Page - Microchip Technology TC1107 Datasheet HTML 2Page - Microchip Technology TC1107 Datasheet HTML 3Page - Microchip Technology TC1107 Datasheet HTML 4Page - Microchip Technology TC1107 Datasheet HTML 5Page - Microchip Technology TC1107 Datasheet HTML 6Page - Microchip Technology TC1107 Datasheet HTML 7Page - Microchip Technology TC1107 Datasheet HTML 8Page - Microchip Technology TC1107 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 2002 Microchip Technology Inc.
DS21356B-page 1
TC1107
Features
• Extremely Low Supply Current (50
µA, Typ.)
• Very Low Dropout Voltage
• 300mA Output Current
• High Output Voltage Accuracy
• Standard or Custom Output Voltages
• Power Saving Shutdown Mode
• Bypass Input for Ultra Quiet Operation
• Over Current and Over Temperature Protection
• Space-Saving MSOP Package Option
Applications
• Battery Operated Systems
• Portable Computers
• Medical Instruments
• Instrumentation
• Cellular/GSM/PHS Phones
• Linear Post-Regulators for SMPS
• Pagers
Device Selection Table
NOTE: xx indicates output voltages
Available Output Voltages: 2.5, 2.8, 3.0, 3.3, 5.0.
Other output voltages are available. Please contact Microchip
Technology Inc. for details.
General Description
The TC1107 is a fixed output, high accuracy (typically
±0.5%) CMOS upgrade for older (bipolar) low dropout
regulators. Total supply current is typically 50
µAat full
load (20 to 60 times lower than in bipolar regulators).
TC1107 key features include ultra low noise operation
(plus optional Bypass input); very low dropout voltage
(typically 240mV at full load), and fast response to step
changes in load. Supply current is reduced to 0.05
µA
(typical) and VOUT falls to zero when the shutdown
input is low.
The TC1107 incorporates both over temperature and
over current protection. The TC1107 is stable with an
output capacitor of only 1
µF and has a maximum
output current of 300mA.
Typical Application
Package Type
Part Number
Package
Junction
Temp. Range
TC1107-xxVOA
8-Pin SOIC
-40°C to +125°C
TC1107-xxVUA
8-Pin MSOP
-40°C to +125°C
TC1107
1
2
3
4
5
6
7
8
VOUT
VOUT
CBYPASS
470pF
(Optional)
Shutdown Control
(from Power Control Logic)
C1
1
µF
GND
NC
Bypass
VIN
VIN
NC
NC
SHDN
+
8-Pin SOIC
1
2
3
4
VIN
5
6
7
8
NC
SHDN
VOUT
GND
NC
Bypass
NC
TC1107VOA
8-Pin MSOP
1
2
3
4
VIN
5
6
7
8
NC
SHDN
VOUT
GND
NC
Bypass
NC
TC1107VUA
300mA CMOS LDO with Shutdown and VREF Bypass


Similar Part No. - TC1107

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1107 MICROCHIP-TC1107 Datasheet
433Kb / 12P
300mA CMOS LDO with Shutdown and VREF Bypass
05/01/02
TC1107-3.3VUA MICROCHIP-TC1107-3.3VUA Datasheet
433Kb / 12P
300mA CMOS LDO with Shutdown and VREF Bypass
05/01/02
TC1107 MICROCHIP-TC1107_13 Datasheet
209Kb / 14P
300mA CMOS LDO with Shutdown and VREF Bypass
10/26/12
More results

Similar Description - TC1107

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1072 TELCOM-TC1072 Datasheet
126Kb / 12P
50mA CMOS LDO WITH SHUTDOWN, ERROR OUTPUT AND VREF BYPASS
TC1173 TELCOM-TC1173 Datasheet
54Kb / 7P
300mA CMOS LDO with Shutdown, ERROR Output and Bypass
logo
Microchip Technology
TC1173 MICROCHIP-TC1173 Datasheet
448Kb / 12P
300mA CMOS LDO with Shutdown ERROR output and Bypass
2002
TC1174 MICROCHIP-TC1174 Datasheet
444Kb / 12P
300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1269 MICROCHIP-TC1269 Datasheet
432Kb / 12P
300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1107 MICROCHIP-TC1107_13 Datasheet
209Kb / 14P
300mA CMOS LDO with Shutdown and VREF Bypass
10/26/12
TC1173 MICROCHIP-TC1173_13 Datasheet
217Kb / 14P
300mA CMOS LDO with Shutdown ERROR Output and Bypass
10/26/12
TC1174 MICROCHIP-TC1174_13 Datasheet
211Kb / 14P
300mA CMOS LDO with Shutdown and VREF Bypass
10/26/12
TC1269 MICROCHIP-TC1269_13 Datasheet
198Kb / 12P
300mA CMOS LDO with Shutdown and VREF Bypass
2002-2012 11/27/12
TC1107-3.3VUA MICROCHIP-TC1107-3.3VUA Datasheet
433Kb / 12P
300mA CMOS LDO with Shutdown and VREF Bypass
05/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com