Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1044 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC1044
Description  Charge Pump DC-TO-DC Voltage Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1044 Datasheet(HTML) 4 Page - Microchip Technology

  TC1044 Datasheet HTML 1Page - Microchip Technology TC1044 Datasheet HTML 2Page - Microchip Technology TC1044 Datasheet HTML 3Page - Microchip Technology TC1044 Datasheet HTML 4Page - Microchip Technology TC1044 Datasheet HTML 5Page - Microchip Technology TC1044 Datasheet HTML 6Page - Microchip Technology TC1044 Datasheet HTML 7Page - Microchip Technology TC1044 Datasheet HTML 8Page - Microchip Technology TC1044 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TC1044S-12 9/16/96
TC1044S
Charge Pump DC-TO-DC Voltage Converter
4
© 2001 Microchip Technology Inc.
DS21348A
The output characteristics of the circuit in Figure 3 are
those of a nearly ideal voltage source in series with 70
Ω.
Thus, for a load current of –10mA and a supply voltage of
+5V, the output voltage would be – 4.3V.
The dynamic output impedance of the TC1044S is due,
primarily, to capacitive reactance of the charge transfer
capacitor (C1). Since this capacitor is connected to the
output for only 1/2 of the cycle, the equation is:
Paralleling Devices
Any number of TC1044S voltage converters may be
paralleled to reduce output resistance (Figure 4). The reser-
voir capacitor, C2, serves all devices, while each device
requires its own pump capacitor, C1. The resultant output
resistance would be approximately:
2
2
πf C1
XC =
= 3.18
Ω,
where f = 10 kHz and C1 = 10µF.
Figure 4. Paralleling Devices Lowers Output Impedance
1
2
3
4
8
7
6
5
TC1044S
V
+
1
2
3
4
8
7
6
5
TC1044S
C1
RL
C2
C1
"n"
"1"
+
Dos and Don'ts
• Do not exceed maximum supply voltages.
• Do not connect the LV terminal to GND for supply
voltages greater than 3.5V.
• Do not short circuit the output to V
+ supply for voltages
above 5.5V for extended periods; however, transient
conditions including start-up are okay.
• When using polarized capacitors in the inverting mode,
the + terminal of C1 must be connected to pin 2 of the
TC1044S and the + terminal of C2 must be connected
to GND.
Simple Negative Voltage Converter
Figure 3 shows typical connections to provide a nega-
tive supply where a positive supply is available. A similar
scheme may be employed for supply voltages anywhere in
the operating range of +1.5V to +12V, keeping in mind that
pin 6 (LV) is tied to the supply negative (GND) only for supply
voltages below 3.5V.
1
2
3
4
8
7
6
5
TC1044S
10
µF
+
V
+
10
µF
+
VOUT*
NOTES:
*
C1
C2
Figure 3. Simple Negative Converter
ROUT (of TC1044S)
n (number of devices)
ROUT =



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com