Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1044 Datasheet(PDF) 8 Page - Microchip Technology

Part # TC1044
Description  Charge Pump DC-TO-DC Voltage Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1044 Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC1044 Datasheet HTML 3Page - Microchip Technology TC1044 Datasheet HTML 4Page - Microchip Technology TC1044 Datasheet HTML 5Page - Microchip Technology TC1044 Datasheet HTML 6Page - Microchip Technology TC1044 Datasheet HTML 7Page - Microchip Technology TC1044 Datasheet HTML 8Page - Microchip Technology TC1044 Datasheet HTML 9Page - Microchip Technology TC1044 Datasheet HTML 10Page - Microchip Technology TC1044 Datasheet HTML 11Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TC1044S-12 9/16/96
TC1044S
Charge Pump DC-TO-DC Voltage Converter
8
© 2001 Microchip Technology Inc.
DS21348A
TYPICAL CHARACTERISTICS (Cont.)
Output Voltage vs. Output Current
0
-2
-4
-6
-8
-10
-12
OUTPUT CURRENT (mA)
0
100
90
80
70
60
40
50
30
10
20
1.5
12
11.5
10.5
9.5
8.5
7.5
5.5 6.5
4.5
2.5 3.5
Output Source Resistance vs. Supply Voltage
100
10
30
50
70
SUPPLY VOLTAGE (V)
Output Source Resistance vs. Temperature
100
0
20
40
60
80
-40
-20
0
20
40
100
60
80
TEMPERATURE (
°C)
VIN = 2.5V
VIN = 5.5V
Power Conversion Efficiency vs. Load
LOAD CURRENT (mA)
Boost Pin = Open
Boost Pin = V+
0
10
20
30
40
50
60
70
80
90
100
IOUT = 20mA
TA = 25°C
Supply Current vs. Temperature
200
150
125
175
100
75
50
25
0
TEMPERATURE (
°C)
-40
-20
0
20
40
100
60
80
VIN = 12.5V
VIN = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com