Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C925T-S/L Datasheet(PDF) 85 Page - Microchip Technology

Part # PIC16C925T-S/L
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925T-S/L Datasheet(HTML) 85 Page - Microchip Technology

Back Button PIC16C925T-S/L Datasheet HTML 81Page - Microchip Technology PIC16C925T-S/L Datasheet HTML 82Page - Microchip Technology PIC16C925T-S/L Datasheet HTML 83Page - Microchip Technology PIC16C925T-S/L Datasheet HTML 84Page - Microchip Technology PIC16C925T-S/L Datasheet HTML 85Page - Microchip Technology PIC16C925T-S/L Datasheet HTML 86Page - Microchip Technology PIC16C925T-S/L Datasheet HTML 87Page - Microchip Technology PIC16C925T-S/L Datasheet HTML 88Page - Microchip Technology PIC16C925T-S/L Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 182 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS39544A-page 83
PIC16C925/926
11.0
LCD MODULE
The LCD module generates the timing control to drive
a static or multiplexed LCD panel, with support for up to
32 segments multiplexed with up to four commons. It
also provides control of the LCD pixel data.
The interface to the module consists of 3 control regis-
ters (LCDCON, LCDSE, and LCDPS), used to define
the timing requirements of the LCD panel and up to 16
LCD data registers (LCD00-LCD15) that represent the
array of the pixel data. In normal operation, the control
registers are configured to match the LCD panel being
used. Primarily, the initialization information consists of
selecting the number of commons required by the LCD
panel, and then specifying the LCD frame clock rate to
be used by the panel.
Once the module is initialized for the LCD panel, the
individual bits of the LCD data registers are cleared/set
to represent a clear/dark pixel, respectively.
Once
the
module
is
configured,
the
LCDEN
(LCDCON<7>) bit is used to enable or disable the LCD
module. The LCD panel can also operate during
SLEEP by clearing the SLPEN (LCDCON<6>) bit.
Figure 11-2 through Figure 11-5 provides waveforms
for static, half-duty cycle, one-third-duty cycle, and
quarter-duty cycle drives.
REGISTER 11-1:
LCDCON REGISTER (ADDRESS 10Fh)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
LCDEN
SLPEN
WERR
BIAS
CS1
CS0
LMUX1
LMUX0
bit 7
bit 0
bit 7
LCDEN: Module Drive Enable bit
1
= LCD drive enabled
0
= LCD drive disabled
bit 6
SLPEN: LCD Display Enabled to SLEEP bit
1
= LCD module will stop driving in SLEEP
0
= LCD module will continue driving in SLEEP
bit 5
WERR: Write Failed Error bit
1
= System tried to write LCDD register during disallowed time. (Must be reset in software.)
0
= No error
bit 4
BIAS: Bias Generator Enable bit
0
= Internal bias generator powered down, bias is expected to be provided externally
1
= Internal bias generator enabled, powered up
bit 3-2
CS<1:0>: Clock Source bits
00
= FOSC/256
01
= T1CKI (Timer1)
1x
= Internal RC oscillator
bit 1-0
LMUX<1:0>: Common Selection bits
Specifies the number of commons
00
= Static(COM0)
01
= 1/2
(COM0, 1)
10
= 1/3
(COM0, 1, 2)
11
= 1/4
(COM0, 1, 2, 3)
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com