Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C925T-S/L Datasheet(PDF) 20 Page - Microchip Technology

Part # PIC16C925T-S/L
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925T-S/L Datasheet(HTML) 20 Page - Microchip Technology

Back Button PIC16C925T-S/L Datasheet HTML 16Page - Microchip Technology PIC16C925T-S/L Datasheet HTML 17Page - Microchip Technology PIC16C925T-S/L Datasheet HTML 18Page - Microchip Technology PIC16C925T-S/L Datasheet HTML 19Page - Microchip Technology PIC16C925T-S/L Datasheet HTML 20Page - Microchip Technology PIC16C925T-S/L Datasheet HTML 21Page - Microchip Technology PIC16C925T-S/L Datasheet HTML 22Page - Microchip Technology PIC16C925T-S/L Datasheet HTML 23Page - Microchip Technology PIC16C925T-S/L Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 182 page
background image
PIC16C925/926
DS39544A-page 18
Preliminary
 2001 Microchip Technology Inc.
Bank 3
180h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
0000 0000
26
181h
OPTION
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
20
182h
PCL
Program Counter’s (PC) Least Significant Byte
0000 0000
25
183h
STATUS
IRP
RP1
RP0
TO
PD
Z
DC
C
0001 1xxx
19
184h
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
26
185h
—
Unimplemented
—
—
186h
TRISB
PORTB Data Direction Register
1111 1111
31
187h
TRISF
PORTF Data Direction Register
1111 1111
37
188h
TRISG
PORTG Data Direction Register
1111 1111
38
189h
—
Unimplemented
—
—
18Ah
PCLATH
—
—
—
Write Buffer for the upper 5 bits of the PC
---0 0000
25
18Bh
INTCON
GIE
PEIE
TMR0IE
INTE
RBIE
TMR0IF
INTF
RBIF
0000 000x
21
18Ch
PMDATA
Data Register Low Byte
xxxx xxxx
27
18Dh
PMADR
Address Register Low Byte
xxxx xxxx
27
18Eh
PMDATH
—
—
Data Register High Byte
xxxx xxxx
27
18Fh
PMADRH
—
—
—
Address Register High Byte
xxxx xxxx
27
190h
—
Unimplemented
—
—
191h
—
Unimplemented
—
—
192h
—
Unimplemented
—
—
193h
—
Unimplemented
—
—
194h
—
Unimplemented
—
—
195h
—
Unimplemented
—
—
196h
—
Unimplemented
—
—
197h
—
Unimplemented
—
—
198h
—
Unimplemented
—
—
199h
—
Unimplemented
—
—
19Ah
—
Unimplemented
—
—
19Bh
—
Unimplemented
—
—
19Ch
—
Unimplemented
—
—
19Dh
—
Unimplemented
—
—
19Eh
—
Unimplemented
—
—
19Fh
—
Unimplemented
—
—
TABLE 2-1:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-on
Reset
Details on
page
Legend:
x
= unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as '0'.
Shaded locations are unimplemented, read as ‘0’.
Note 1: These pixels do not display, but can be used as general purpose RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com