Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F877-20/P Datasheet(PDF) 25 Page - Microchip Technology

Part # PIC16F877-20/P
Description  28/40-pin 8-Bit CMOS FLASH Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F877-20/P Datasheet(HTML) 25 Page - Microchip Technology

Back Button PIC16F877-20/P Datasheet HTML 21Page - Microchip Technology PIC16F877-20/P Datasheet HTML 22Page - Microchip Technology PIC16F877-20/P Datasheet HTML 23Page - Microchip Technology PIC16F877-20/P Datasheet HTML 24Page - Microchip Technology PIC16F877-20/P Datasheet HTML 25Page - Microchip Technology PIC16F877-20/P Datasheet HTML 26Page - Microchip Technology PIC16F877-20/P Datasheet HTML 27Page - Microchip Technology PIC16F877-20/P Datasheet HTML 28Page - Microchip Technology PIC16F877-20/P Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 218 page
background image
 2001 Microchip Technology Inc.
DS30292C-page 23
PIC16F87X
2.2.2.6
PIE2 Register
The PIE2 register contains the individual enable bits for
the CCP2 peripheral interrupt, the SSP bus collision
interrupt, and the EEPROM write operation interrupt.
REGISTER 2-6:
PIE2 REGISTER (ADDRESS 8Dh)
U-0
R/W-0
U-0
R/W-0
R/W-0
U-0
U-0
R/W-0
—
Reserved
—
EEIE
BCLIE
—
—
CCP2IE
bit 7
bit 0
bit 7
Unimplemented: Read as '0'
bit 6
Reserved: Always maintain this bit clear
bit 5
Unimplemented: Read as '0'
bit 4
EEIE: EEPROM Write Operation Interrupt Enable
1
= Enable EE Write Interrupt
0
= Disable EE Write Interrupt
bit 3
BCLIE: Bus Collision Interrupt Enable
1
= Enable Bus Collision Interrupt
0
= Disable Bus Collision Interrupt
bit 2-1
Unimplemented: Read as '0'
bit 0
CCP2IE: CCP2 Interrupt Enable bit
1
= Enables the CCP2 interrupt
0
= Disables the CCP2 interrupt
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com