Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F877-20/P Datasheet(PDF) 19 Page - Microchip Technology

Part # PIC16F877-20/P
Description  28/40-pin 8-Bit CMOS FLASH Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F877-20/P Datasheet(HTML) 19 Page - Microchip Technology

Back Button PIC16F877-20/P Datasheet HTML 15Page - Microchip Technology PIC16F877-20/P Datasheet HTML 16Page - Microchip Technology PIC16F877-20/P Datasheet HTML 17Page - Microchip Technology PIC16F877-20/P Datasheet HTML 18Page - Microchip Technology PIC16F877-20/P Datasheet HTML 19Page - Microchip Technology PIC16F877-20/P Datasheet HTML 20Page - Microchip Technology PIC16F877-20/P Datasheet HTML 21Page - Microchip Technology PIC16F877-20/P Datasheet HTML 22Page - Microchip Technology PIC16F877-20/P Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 218 page
background image
 2001 Microchip Technology Inc.
DS30292C-page 17
PIC16F87X
Bank 2
100h(3)
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
0000 0000
27
101h
TMR0
Timer0 Module Register
xxxx xxxx
47
102h(3)
PCL
Program Counter’s (PC) Least Significant Byte
0000 0000
26
103h(3)
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
18
104h(3)
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
27
105h
—
Unimplemented
—
—
106h
PORTB
PORTB Data Latch when written: PORTB pins when read
xxxx xxxx
31
107h
—
Unimplemented
—
—
108h
—
Unimplemented
—
—
109h
—
Unimplemented
—
—
10Ah(1,3)
PCLATH
—
—
—
Write Buffer for the upper 5 bits of the Program Counter
---0 0000
26
10Bh(3)
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
20
10Ch
EEDATA
EEPROM Data Register Low Byte
xxxx xxxx
41
10Dh
EEADR
EEPROM Address Register Low Byte
xxxx xxxx
41
10Eh
EEDATH
—
—
EEPROM Data Register High Byte
xxxx xxxx
41
10Fh
EEADRH
—
—
—
EEPROM Address Register High Byte
xxxx xxxx
41
Bank 3
180h(3)
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
0000 0000
27
181h
OPTION_REG
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
19
182h(3)
PCL
Program Counter (PC) Least Significant Byte
0000 0000
26
183h(3)
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
18
184h(3)
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
27
185h
—
Unimplemented
—
—
186h
TRISB
PORTB Data Direction Register
1111 1111
31
187h
—
Unimplemented
—
—
188h
—
Unimplemented
—
—
189h
—
Unimplemented
—
—
18Ah(1,3)
PCLATH
—
—
—
Write Buffer for the upper 5 bits of the Program Counter
---0 0000
26
18Bh(3)
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
20
18Ch
EECON1
EEPGD
—
—
—
WRERR
WREN
WR
RD
x--- x000
41, 42
18Dh
EECON2
EEPROM Control Register2 (not a physical register)
---- ----
41
18Eh
—
Reserved maintain clear
0000 0000
—
18Fh
—
Reserved maintain clear
0000 0000
—
TABLE 2-1:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Details
on
page:
Legend:
x
= unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as '0', r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note 1: The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<12:8> whose
contents are transferred to the upper byte of the program counter.
2: Bits PSPIE and PSPIF are reserved on PIC16F873/876 devices; always maintain these bits clear.
3: These registers can be addressed from any bank.
4: PORTD, PORTE, TRISD, and TRISE are not physically implemented on PIC16F873/876 devices; read as ‘0’.
5: PIR2<6> and PIE2<6> are reserved on these devices; always maintain these bits clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com