Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F628-04E/SS Datasheet(PDF) 33 Page - Microchip Technology

Part # PIC16F628-04E/SS
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628-04E/SS Datasheet(HTML) 33 Page - Microchip Technology

Back Button PIC16F628-04E/SS Datasheet HTML 29Page - Microchip Technology PIC16F628-04E/SS Datasheet HTML 30Page - Microchip Technology PIC16F628-04E/SS Datasheet HTML 31Page - Microchip Technology PIC16F628-04E/SS Datasheet HTML 32Page - Microchip Technology PIC16F628-04E/SS Datasheet HTML 33Page - Microchip Technology PIC16F628-04E/SS Datasheet HTML 34Page - Microchip Technology PIC16F628-04E/SS Datasheet HTML 35Page - Microchip Technology PIC16F628-04E/SS Datasheet HTML 36Page - Microchip Technology PIC16F628-04E/SS Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 160 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS40300B-page 33
PIC16F62X
TABLE 5-1:
PORTA FUNCTIONS
TABLE 5-2:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTA
Name
Bit #
Buffer
Type
Function
RA0/AN0
bit0
ST
Bi-directional I/O port/comparator input
RA1/AN1
bit1
ST
Bi-directional I/O port/comparator input
RA2/AN2/VREF
bit2
ST
Bi-directional I/O port/analog/comparator input or VREF output
RA3/AN3
bit3
ST
Bi-directional I/O port/analog/comparator input/comparator output
RA4/T0CKI
bit4
ST
Bi-directional I/O port/external clock input for TMR0 or comparator output.
Output is open drain type.
RA5/MCLR/THV
bit5
ST
Input port/master clear (reset input/programming voltage input. When
configured as MCLR, this pin is an active low reset to the device. Voltage
on MCLR/THV must not exceed VDD during normal device operation.
RA6/OSC2/CLK-
OUT
bit6
ST
Bi-directional I/O port/Oscillator crystal output. Connects to crystal or res-
onator in crystal oscillator mode. In ER mode, OSC2 pin outputs CLKOUT
which has 1/4 the frequency of OSC1, and denotes the instruction cycle
rate.
RA7/OSC1/CLKIN
bit7
ST
Bi-directional I/O port/oscillator crystal input/external clock source input.
Legend: ST = Schmitt Trigger input
Address Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR
Value on
All Other
Resets
05h
PORTA
RA7
RA6
RA5
RA4
RA3
RA2
RA1
RA0
xxxx 0000
xxxu 0000
85h
TRISA
TRISA7
TRISA6
—
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
11-1 1111
11-1 1111
1Fh
CMCON
C2OUT
C1OUT
C2INV
C1INV
CIS
CM2
CM1
CM0
0000 0000
0000 0000
9Fh
VRCON
VREN
VROE
VRR
—
VR3
VR2
VR1
VR0
000- 0000
000- 0000
Legend: — = Unimplemented locations, read as ‘0’, u = unchanged, x = unknown
Note:
Shaded bits are not used by PORTA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com