Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F628-04E/SS Datasheet(PDF) 76 Page - Microchip Technology

Part # PIC16F628-04E/SS
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628-04E/SS Datasheet(HTML) 76 Page - Microchip Technology

Back Button PIC16F628-04E/SS Datasheet HTML 72Page - Microchip Technology PIC16F628-04E/SS Datasheet HTML 73Page - Microchip Technology PIC16F628-04E/SS Datasheet HTML 74Page - Microchip Technology PIC16F628-04E/SS Datasheet HTML 75Page - Microchip Technology PIC16F628-04E/SS Datasheet HTML 76Page - Microchip Technology PIC16F628-04E/SS Datasheet HTML 77Page - Microchip Technology PIC16F628-04E/SS Datasheet HTML 78Page - Microchip Technology PIC16F628-04E/SS Datasheet HTML 79Page - Microchip Technology PIC16F628-04E/SS Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 160 page
background image
PIC16F62X
DS40300B-page 76
Preliminary
© 1999 Microchip Technology Inc.
12.1.1
SAMPLING
The data on the RB1/RX/DT pin is sampled three times
by a majority detect circuit to determine if a high or a
low level is present at the RX pin. If bit BRGH
(TXSTA<2>) is clear (i.e., at the low baud rates), the
sampling is done on the seventh, eighth and ninth fall-
ing edges of a x16 clock (Figure 12-3). If bit BRGH is
set (i.e., at the high baud rates), the sampling is done
on the 3 clock edges preceding the second rising edge
after the first falling edge of a x4 clock (Figure 12-4 and
Figure 12-5).
FIGURE 12-1: RX PIN SAMPLING SCHEME. BRGH = 0
FIGURE 12-2: RX PIN SAMPLING SCHEME, BRGH = 1
RX
baud CLK
x16 CLK
Start bit
Bit0
Samples
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
2
3
Baud CLK for all but start bit
(RB1/RX/DT pin)
RX pin
baud clk
x4 clk
Q2, Q4 clk
Start Bit
bit0
bit1
First falling edge after RX pin goes low
Second rising edge
Samples
Samples
Samples
12
3
4
1
2
3
4
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com