Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1220 Datasheet(PDF) 7 Page - Microchip Technology

Part # TC1220
Description  Switched Capacitor Voltage Converters with Shutdown in SOT Packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1220 Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC1220 Datasheet HTML 3Page - Microchip Technology TC1220 Datasheet HTML 4Page - Microchip Technology TC1220 Datasheet HTML 5Page - Microchip Technology TC1220 Datasheet HTML 6Page - Microchip Technology TC1220 Datasheet HTML 7Page - Microchip Technology TC1220 Datasheet HTML 8Page - Microchip Technology TC1220 Datasheet HTML 9Page - Microchip Technology TC1220 Datasheet HTML 10Page - Microchip Technology TC1220 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
 2002 Microchip Technology Inc.
DS21366B-page 7
TC1219/TC1220
4.7
Cascading Devices
Two or more TC1219/TC1220 can be cascaded to
increase output voltage (Figure 4-4). If the output is
lightly loaded, it will be close to (-2 x VIN) but will droop
at least by ROUT of the first device multiplied by the IQ
of the second. It can be seen that the output resistance
rises rapidly for multiple cascaded devices.
4.8
Paralleling Devices
To reduce the value of ROUT, multiple TC1219/
TC1220’s can be connected in parallel (Figure 4-5).
The output resistance will be reduced by a factor of N
where N is the number of TC1219/TC1220. Each
device will require its own pump capacitor (C1), but all
devices may share one reservoir capacitor (C2).
However, to preserve ripple performance the value of
C2 should be scaled according to the number of
paralleled TC1219/TC1220.
FIGURE 4-4:
CASCADING MULTIPLE DEVICES TO INCREASE OUTPUT VOLTAGE
FIGURE 4-5:
PARALLELING MULTIPLE DEVICES TO REDUCE OUTPUT RESISTANCE
C1
C1
C2
6
6
4
3
4
1
2
2
1
3
C2
VIN
VOUT
VOUT =-nVIN
TC1219
TC1220
TC1219
TC1220
...
...
SHDN
SHDN
VIN
5
5
"1"
"n"
+
+
+
+
C1
C1
6
5
4
3
4
1
2
2
1
3
C2
VOUT
VOUT =-VIN
ROUT = ROUT OF SINGLE DEVICE
VIN
NUMBER OF DEVICES
TC1219
TC1220
TC1219
TC1220
...
...
SHDN
SHDN
Shutdown
Control
5
6
VIN
+
+
+
"1"
"n"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com