Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1220 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC1220
Description  Switched Capacitor Voltage Converters with Shutdown in SOT Packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1220 Datasheet(HTML) 2 Page - Microchip Technology

  TC1220 Datasheet HTML 1Page - Microchip Technology TC1220 Datasheet HTML 2Page - Microchip Technology TC1220 Datasheet HTML 3Page - Microchip Technology TC1220 Datasheet HTML 4Page - Microchip Technology TC1220 Datasheet HTML 5Page - Microchip Technology TC1220 Datasheet HTML 6Page - Microchip Technology TC1220 Datasheet HTML 7Page - Microchip Technology TC1220 Datasheet HTML 8Page - Microchip Technology TC1220 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TC1219/TC1220
DS21366B-page 2
 2002 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Input Voltage (VIN to GND)....................... +6.0V, -0.3V
Output Voltage (OUT to GND).................. -6.0V, +0.3V
Current at OUT Pin..............................................50mA
Short-Circuit Duration – OUT to GND ............Indefinite
Power Dissipation (TA ≤ 70°C)
6-Pin SOT-23A .........................................240mW
Operating Temperature Range............. -40°C to +85°C
Storage Temperature (Unbiased) .......-65°C to +150°C
Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
TC1219/TC1220 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: TA = -40°C to +85°C, VIN = +5V, C1 = C2 = 10µF, (TC1219), C1 = C2 = 3.3µF (TC1220), TA = 25°C
unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Units
Device
Test Conditions
IDD
Supply Current
—
—
60
115
115
325
µA
TC1219
TC1220
ISHDN
Shutdown Supply Current
—
0.1
1.0
µA
SHDN = GND, VIN = 5V (Note 2)
VMIN
Minimum Supply Voltage
2.5
——
VRLOAD = 1kΩ
VMAX
Maximum Supply Voltage
——
5.5
V
RLOAD = 1kΩ
FOSC
Oscillator Frequency
6
19
12
35
20
56.3
kHz
TC1219
TC1220
VIH
SHDN Input Logic High
—
1.5
1.8
1.5
—
—
—
—
—
—
—
—
V
TC1219
TC1220
RLOAD = ∞
VIN = VMIN to 3V
VIN = >3V to VMAX
VIN = VMIN to VMAX
VIL
SHDN Input Logic Low
——
0.5
V
VIN = VMIN to VMAX
PEFF
Power Efficiency
—
—
96
95
—
—
%RLOAD = 1kΩ
VEFF
Voltage Conversion Efficiency
95
99.9
—
%RLOAD = ∞
ROUT
Output Resistance
—
25
65
Ω
TC1219/TC1220
ILOAD = 0.5mA to 25mA (Note 1)
Note
1:
Capacitor contribution is approximately 20% of the output impedance [ESR = 1/ pump frequency x capacitance].
2:
VIN is guaranteed to be disconnected from OUT when the converter is in shutdown..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com