Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

050_331 Datasheet(PDF) 12 Page - Glenair, Inc.

Part # 050_331
Description  PC BOARD MOUNT DUAL-TRANSMITTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050_331 Datasheet(HTML) 12 Page - Glenair, Inc.

Back Button 050_331 Datasheet HTML 8Page - Glenair, Inc. 050_331 Datasheet HTML 9Page - Glenair, Inc. 050_331 Datasheet HTML 10Page - Glenair, Inc. 050_331 Datasheet HTML 11Page - Glenair, Inc. 050_331 Datasheet HTML 12Page - Glenair, Inc. 050_331 Datasheet HTML 13Page - Glenair, Inc. 050_331 Datasheet HTML 14Page - Glenair, Inc. 050_331 Datasheet HTML 15Page - Glenair, Inc. 050_331 Datasheet HTML 16Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
©2014 Glenair, Inc.
REV: C
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 12 of 16
E-mail: sales@glenair.com
050-331 Product Brief
PC Board Mount Dual-Transmitter
3G-SDI and HD-SDI, MMF, 3.3V
Application Support
To assist in the dual-transmitter design and evaluation process, Glenair offers the following aids:
•
Evaluation board & Product Manual, part number 050-330-MMF-EVALBOARD, which facilitates in the testing of
the board mount dual-transmitter.
•
3D Step file to support modeling of mechanical fit and routing
•
PADS schematic and PCB layout library files that can be exported into customer’s PCB software design program
•
Applications Aid Example of PCB layout including details of high speed transmission designs
Customer Manufacturing Processes
This module is mounted with screws and interfaces with a high-speed low cost surface mount electrical connector residing
on the host PC board. The board mount dual-transmitter is not designed for aqueous wash, IR reflow, or wave soldering
processes and should be mounted on the host board after host PC board has been through its assembly process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com