Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

050_331 Datasheet(PDF) 14 Page - Glenair, Inc.

Part # 050_331
Description  PC BOARD MOUNT DUAL-TRANSMITTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050_331 Datasheet(HTML) 14 Page - Glenair, Inc.

Back Button 050_331 Datasheet HTML 8Page - Glenair, Inc. 050_331 Datasheet HTML 9Page - Glenair, Inc. 050_331 Datasheet HTML 10Page - Glenair, Inc. 050_331 Datasheet HTML 11Page - Glenair, Inc. 050_331 Datasheet HTML 12Page - Glenair, Inc. 050_331 Datasheet HTML 13Page - Glenair, Inc. 050_331 Datasheet HTML 14Page - Glenair, Inc. 050_331 Datasheet HTML 15Page - Glenair, Inc. 050_331 Datasheet HTML 16Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
©2014 Glenair, Inc.
REV: C
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 14 of 16
E-mail: sales@glenair.com
050-331 Product Brief
PC Board Mount Dual-Transmitter
3G-SDI and HD-SDI, MMF, 3.3V
Table 9
Two-Wire interface ID: Data Fields – Address A2h
NOTE: RX Data fields are not applicable in this table (i.e. Addresses 32-39 and 104-105)
Byte #
Decimal
Data
Notes
Byte #
Decimal
Data
Notes
Byte #
Decimal
Data
Notes
0
Temp H Alarm MSB (Note 1)
26
TX Pwr L Alarm MSB (Note 4)
104
Reserved
1
Temp H Alarm LSB (Note 1)
27
TX Pwr L Alarm LSB (Note 4)
105
Reserved
2
Temp L Alarm MSB (Note 1)
28
TX Pwr H Warning MSB (Note 4)
106
Reserved
3
Temp L Alarm LSB (Note 1)
29
TX Pwr H Warning LSB (Note 4)
107
Reserved
4
Temp H Warning MSB (Note 1)
30
TX Pwr L Warning MSB (Note 4)
108
Reserved
5
Temp H Warning LSB (Note 1)
31
TX Pwr L Warning LSB (Note 4)
109
Reserved
6
Temp L Warning MSB (Note 1)
32
Reserved
110
Status/Control
7
Temp L Warning LSB (Note 1)
33
Reserved
111
Reserved
8
Vcc H Alarm MSB (Note 2)
34
Reserved
112
Flag Bits
9
Vcc H Alarm LSB (Note 2)
35
Reserved
113
Flag Bits
10
Vcc L Alarm MSB (Note 2)
36
Reserved
114
Reserved
11
Vcc L Alarm LSB (Note 2)
37
Reserved
115
Reserved
12
Vcc H Warning MSB (Note 2)
38
Reserved
116
Flag Bits
13
Vcc H Warning LSB (Note 2)
39
Reserved
117
Flag Bits
14
Vcc L Warning MSB (Note 2)
40-45
Reserved
118
Reserved
15
Vcc L Warning LSB (Note 2)
56-94
External Cal Constants (Note 6)
119
Reserved
16
Tx Bias H Alarm MSB (Note 3)
95
Checksum for bytes 0-94
120-122
Reserved
17
Tx Bias H Alarm LSB (Note 3)
96
Temperature MSB (Note 1)
123
Reserved
18
Tx Bias L Alarm MSB (Note 3)
97
Temperature LSB (Note 1)
124
Reserved
19
Tx Bias L Alarm LSB (Note 3)
98
Vcc MSB (Note 2)
125
Reserved
20
Tx Bias H Warning MSB (Note 3)
99
Vcc LSB (Note 2)
126
Reserved
21
Tx Bias H Warning LSB (Note 3)
100
TX Bias MSB (Note 3)
127
Reserved (Note 8)
22
Tx Bias L Warning MSB (Note 3)
101
TX Bias LSB (Note 3)
128-247
Customer Writable (Note 9)
23
Tx Bias L Warning LSB (Note 3)
102
TX Power MSB (Note 4)
248-255
Vendor Specific
24
TX Pwr H Alarm MSB (Note 4)
103
TX Power LSB (Note 4)
25
TX Pwr H Alarm LSB (Note 4)
Notes:
1. Temperature (Temp) is decoded as a 16 bit signed twos compliment integer in increments of 1/256 °C.
2. Supply voltage (VCC) is decoded as a 16 bit unsigned integer in increments of 100 μV.
3. Laser bias current (Tx Bias) is decoded as a 16 bit unsigned integer in increments of 2 μA.
4. Transmitted average optical power (Tx Pwr) is decoded as a 16 bit unsigned integer in increments of 0.1 μW.
5. Reserved
6. Bytes 56-94 are not intended from use but have been set to default values per SFF-8472.
7. Bytes 95 is a checksum calculated (per SFF-8472) and stored prior to product shipment.
8. Byte 127 accepts a write but performs no action (reserved legacy byte).
9. Bytes 128-247 are write enabled (customer writable).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com