Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1222 Datasheet(PDF) 9 Page - Microchip Technology

Part # TC1222
Description  High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1222 Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC1222 Datasheet HTML 5Page - Microchip Technology TC1222 Datasheet HTML 6Page - Microchip Technology TC1222 Datasheet HTML 7Page - Microchip Technology TC1222 Datasheet HTML 8Page - Microchip Technology TC1222 Datasheet HTML 9Page - Microchip Technology TC1222 Datasheet HTML 10Page - Microchip Technology TC1222 Datasheet HTML 11Page - Microchip Technology TC1222 Datasheet HTML 12Page - Microchip Technology TC1222 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
 2002 Microchip Technology Inc.
DS21367B-page 9
TC1221/TC1222
5.0
TYPICAL CHARACTERISTICS
Circuit of Figure 4-3, VIN = +5V, C1 = C2 = C3, TA = 25°C unless otherwise noted.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein are
not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
TC1221 Supply Current vs. Supply Voltage
50
100
150
200
250
300
350
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
SUPPLY VOLTAGE (V)
C1 = C2 = C3 = 1
µF,
RL =
∞, +25°C
5.5
TC1221 Output Resistance vs. Supply Voltage
35
40
45
50
55
60
65
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY VOLTAGE (V)
C1 = C2 = C3 = 1
µF, +25°C
TC1221 Output Voltage Ripple
vs. Capacitance, C2
0
50
100
150
200
250
300
0
5
10
15
CAPACITANCE (
µF)
VIN = 5.0V
VIN = 3.3V
VIN = 3.3V, RL = 1K, +25°C
VIN = 5.0V, RL = 1K, +25°C
V
IN = 5.0V
0
100
200
300
400
500
600
0
5
10
15
TC1221 Output Voltage Droop
vs. Capacitance, C1 = C2
V
IN = 3.3V
VIN = 3.3V, RL = 1K, +25°C
VIN = 5.0V, RL = 1K, +25°C
CAPACITANCE (
µF)
TC1221 Oscillator Frequency
vs. Supply Voltage
90
100
110
120
130
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY VOLTAGE (V)
C1 = C2 = C3 = 1
µF,
RL =
∞, +25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com