Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1222 Datasheet (PDF) - Microchip Technology

TC1222 Datasheet PDF - Microchip Technology
Part # TC1222
Download  TC1222 Download
File Size   462.52 Kbytes
Page   16 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages

TC1222 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC1222 Datasheet PDF - Microchip Technology

Part # TC1222
Download  TC1222 Click to download

File Size   462.52 Kbytes
Page   16 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages

TC1222 Datasheet (HTML) - Microchip Technology


TC1222 Product details

General Description

The TC1221/TC1222 are CMOS “charge-pump” voltage converters in ultra-small 6-Pin SOT-23A packages. They invert and/or double an input voltage which can range from +1.8V to +5.5V. Conversion efficiency is typically 96%. Switching frequency is 125kHz for the TC1221, 750kHz for the TC1222. When the shutdown pin is held at a logic low, the device goes into a very low power mode of operation, consuming less than 1µA of supply current.



Features

• Charge Pumps in 6-Pin SOT-23A Package

• 96% Voltage Conversion Efficiency

• Voltage Inversion and/or Doubling

• Operates from +1.8V to +5.5V

• Up to 25mA Output Current

• Only Two External Capacitors Required

• Power-Saving Shutdown Mode

• Fully Compatible with 1.8V Logic Systems



Applications

• LCD Panel Bias

• Cellular Phones

• Pagers

• PDAs, Portable Data Loggers

• Battery-Powered Devices




Similar Part No. - TC1222

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1222 MICROCHIP-TC1222 Datasheet
469Kb / 16P
High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
03/01/02
TC1222ECH MICROCHIP-TC1222ECH Datasheet
469Kb / 16P
High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
03/01/02
TC1222ECH MICROCHIP-TC1222ECH Datasheet
193Kb / 16P
High-Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
03/25/14
More results


Similar Description - TC1222

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1219 MICROCHIP-TC1219 Datasheet
482Kb / 16P
Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
logo
Global Mixed-mode Techn...
G5930 GMT-G5930 Datasheet
311Kb / 8P
Switched Capacitor Voltage Inverter with Shutdown
G5931 GMT-G5931 Datasheet
174Kb / 7P
Switched-Capacitor Voltage Inverters with Shutdown
logo
ON Semiconductor
MAX1720 ONSEMI-MAX1720 Datasheet
182Kb / 18P
Switched Capacitor Voltage Inverter with Shutdown
December, 2005 ??Rev. 3
logo
Microchip Technology
TC1221ECHTR MICROCHIP-TC1221ECHTR Datasheet
469Kb / 16P
High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
03/01/02
logo
Analog Devices
ADM8828ART-REEL AD-ADM8828ART-REEL Datasheet
69Kb / 6P
Switched-Capacitor Voltage Inverter with Shutdown
REV. A
ADM8828ARTZ AD-ADM8828ARTZ Datasheet
69Kb / 6P
Switched-Capacitor Voltage Inverter with Shutdown
REV. A
ADM8829 AD-ADM8829_15 Datasheet
76Kb / 6P
Switched-Capacitor Voltage Inverter with Shutdown
REV. A
logo
Global Mixed-mode Techn...
G5930 GMT-G5930_15 Datasheet
65Kb / 1P
Switched Capacitor Voltage Inverter with Shutdown
logo
Microchip Technology
TC1221 MICROCHIP-TC1221_14 Datasheet
193Kb / 16P
High-Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
03/25/14
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com