Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC126 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC126
Description  PFM Step-Up DC/DC Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC126 Datasheet(HTML) 1 Page - Microchip Technology

  TC126 Datasheet HTML 1Page - Microchip Technology TC126 Datasheet HTML 2Page - Microchip Technology TC126 Datasheet HTML 3Page - Microchip Technology TC126 Datasheet HTML 4Page - Microchip Technology TC126 Datasheet HTML 5Page - Microchip Technology TC126 Datasheet HTML 6Page - Microchip Technology TC126 Datasheet HTML 7Page - Microchip Technology TC126 Datasheet HTML 8Page - Microchip Technology TC126 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 2002 Microchip Technology Inc.
DS21372B-page 1
TC125/TC126
Features
• Assured Start-up at 0.9V
• PFM (100kHz Max Operating Frequency)
•40
µA Maximum Supply Current
(VOUT = 3V @ 30mA)
•0.5
µA Shutdown Mode (TC125)
• Voltage Sense Input (TC126)
• Requires Only Three External Components
• 80mA Maximum Output Current
• Small Package: 5-Pin SOT-23A
Applications
• Palmtops/PDAs
• Battery-Operated Systems
• Cameras
• Portable Communicators
Device Selection Table
*Other
output
voltages
are
available.
Please
contact
Microchip Technology Inc. for details.
Package Type
General Description
The TC125/126 step-up (Boost) switching regulators
furnish output currents to a maximum of 80mA
(VIN =2V, VOUT = 3V) with typical efficiencies above
80%. These devices employ pulse frequency modula-
tion (PFM) for minimum supply current at low loads.
They are ideal for battery-operated applications
powered from one or more cells.
Maximum supply
current is less than 70
µA at full output load, and less
than 5
µA in standby (VOUT = 3V). Both devices require
only an external inductor, diode, and capacitor to
implement a complete DC/DC regulator.
The TC126 has separate output voltage sensing and
chip power inputs for greater application flexibility. The
TC125 combines the output voltage sensing and chip
power inputs onto a single package pin, but adds a
power-saving shutdown mode that suspends regulator
operation and reduces supply current to less than
0.5
µA when the shutdown control input (SHDN)islow.
The TC125/TC126 are available in a small 5-Pin
SOT-23A package, occupy minimum board space and
use small external components. The TC125 accepts
input voltages from 2V to 10V. The TC126 accepts
input voltages from 2.2V to 10V. Both the TC125 and
TC126 have a start-up voltage of 0.9V at light load.
Typical Application
Part
Number
Output
Voltage
(V)*
Package
Operating
Temp.
Range
TC125501ECT
5.0
5-Pin SOT-23A
-40
°Cto +85°C
TC125331ECT
3.3
5-Pin SOT-23A
-40
°Cto +85°C
TC125301ECT
3.0
5-Pin SOT-23A
-40
°Cto +85°C
TC126503ECT
5.0
5-Pin SOT-23A
-40
°Cto +85°C
TC126333ECT
3.3
5-Pin SOT-23A
-40
°Cto +85°C
TC126303ECT
3.0
5-Pin SOT-23A
-40
°Cto +85°C
5-Pin SOT-23A
NOTE: 5-Pin SOT-23A is equivalent to the EIAJ SC-74A
VDD
SENSE
TC125
1
23
5
4
PS
LX
GND
NC
SHDN
TC126
1
23
5
4
LX
GND
NC
3V
2 x "AA"
Cell
+
Two Cell to 5V Boost Regulator
1
2
3
5
4
TC125
LX
SHDN
NC
PS
GND
MA735
+
VIN
Sumida
100
µH CD54
VOUT
5V @80mA
47
µF/16V
Tantalum
PFM Step-Up DC/DC Regulators


Similar Part No. - TC126

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1262 MICROCHIP-TC1262 Datasheet
461Kb / 12P
500mA Fixed Output CMOS LDO
2002
TC1262 MICROCHIP-TC1262 Datasheet
451Kb / 12P
500mA Fixed Output CMOS LDO
05/01/02
TC1262 MICROCHIP-TC1262 Datasheet
451Kb / 12P
500mA Fixed Output CMOS LDO
05/01/02
TC1262 MICROCHIP-TC1262 Datasheet
591Kb / 20P
500 mA Fixed Output CMOS LDO
Revision D October 2023
TC1262-2.5VEB MICROCHIP-TC1262-2.5VEB Datasheet
591Kb / 20P
500 mA Fixed Output CMOS LDO
Revision D October 2023
More results

Similar Description - TC126

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
CR-F33T ETC1-CR-F33T Datasheet
122Kb / 11P
PFM STEP-UP DC/DC CONVERTER
logo
Holtek Semiconductor In...
HT77XX HOLTEK-HT77XX Datasheet
131Kb / 15P
PFM Step-up DC/DC Converter
March 7, 2006
HT77XXA HOLTEK-HT77XXA Datasheet
370Kb / 18P
PFM Step-up DC/DC Converter
September 26, 2007
logo
List of Unclassifed Man...
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
PFM Step-up DC/DC Converter
logo
Advanced Power Electron...
APE1910 A-POWER-APE1910 Datasheet
153Kb / 5P
STEP-UP PFM DC/DC CONVERTER
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
PFM step-up DC/DC converter
logo
Holtek Semiconductor In...
HT7727A HOLTEK-HT7727A_12 Datasheet
588Kb / 14P
PFM Step-up DC/DC Converter
June 25, 2016
logo
Shanghai Consonance Ele...
CN5136 CONSONANCE-CN5136 Datasheet
166Kb / 6P
PFM Step-Up DC-DC Controller
logo
Guangdong Kexin Industr...
RCR2821 KEXIN-RCR2821 Datasheet
323Kb / 5P
PFM Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com