Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSW60 Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # MSW60
Description  85 to 264VAC universal input
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

MSW60 Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  MSW60 Datasheet HTML 1Page - RUBYCON CORPORATION MSW60 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MSW60
MSW60 GENERAL SPECIFICATIONS
ITEM
1
Maximum line / load regulation
±0.5%
2
Voltage tolerance ratio
±3% at line, load, time, temperature
3
Operating temperature
-10 ~ 60ºC (Refer to Output derating)
4
Operating humidity
30 ~ 90%RH (Non condensing)
5
Storage temperature
-30 ~ 85ºC
6
Storage humidity
10 ~ 95%RH (Non condensing)
7
Cooling
Convection or forced air cooling (Refer to Output derating)
8
Electric strength voltages
Input – Output 4000VAC 1 minute, Input – FG 1500VAC 1 minute, Output –FG 500VAC 1 minute
9
Insulation resistance
100MΩ MIN DC500V 25ºC 70%RH Input – Output, Input – FG, Output – FG
10
Leakage current
0.3mA MAX (240VAC,50Hz)
11
Vibration
10 ~ 55Hz 2G (3 directions each 1 hour)
12
Shock
20ms 20G (3 directions each 3times)
13
Safety standards
UL60601-1, CSA60601.1 (cUL), EN60601-1 (NEMKO) Approvals
14
Conduction noise
Meeting FCC Class B, EN55022 Class B, VCCI Class B
15
Mains surge
Meeting EN61000-4-5 Level 3/4KV(CM), 2KV(DM)
16
Dimensions
127(W) 76(D) 32(H) mm/5.00”(W) 3.00”(D) 1.26”(H)
17
Weight
255g /0.57lb. TYP
MSW60 OUTLINE DRAWING
Connectors Used
Part Description
Part Name
Manufacturer
Q.T.Y
CN1 Pin Header (Input side)
B2P3-VH
or T7094
JST
EMUDEN
1
CN2 Pin Header (Output side)
B4P-VH
or T7094
JST
EMUDEN
1
Matching Housings and Pins (Not included with the product)
Part Description
Part Name
Manufacturer
Q.T.Y
CN1 Socket Housing
VHR-3N
JST
1
FG
M4
(N)
(L)
ACinput
CN1
(−)
(+)
CN2
output
2−M3
37
±1
6
115
12 7
±1
6
115
2−M3
CN2 Socket Housing
(CN1, CN2) Terminal Pins
VHR-4N
BVH-21T-P1.1
JST
JST
1
6
MSW60 OUTPUT DERATING
10
20
30
40
50
60
70
0
0
20
40
60
80
10 0
Ambient Temperature(℃)
−1 0
AB
Mounting Direction (conv)
CN1
CN2
CN2
CN1
CN2
CN1
Specifications subject to change without notice.(2004.9)
A:Conv.With Cover(option)
Conv.Open Frame
B:Recommended minimum air
Vrocity 0.7m3/minute



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com