Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSW60 Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # MSW60
Description  85 to 264VAC universal input
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

MSW60 Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  MSW60 Datasheet HTML 1Page - RUBYCON CORPORATION MSW60 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MSW60
*85 to 264VAC universal input
*High efficiency up to 85%
*Low EMI, meeting FCC B, CISPR B
*Less then 0.3mA leakage
*Thin type below 1U
*RoHS correspond
UL60601-1 Recognized
CSA22.2 No.60601.1 Certified (cUL)
EN60601-1 (NEMKO Certified)
CEmark(LVDonly)
*Madical equipment
* Safety systems
*Dental systems
*Control equipment
*Microprocessor systems
*Monitoring equipment
*Peak Loads (for Motor Drive, Lamp) *6
MSW60 SPECIFICATIONS
ITEM
MSW60-12
MSW60-15
MSW60-24
MSW60-36
MSW60-48
1
Rated output DC voltage
12V
15 V
24V
36V
48V
2
Rated output DC current (Peak *6)
5.0A(-)
4.0A(-)
2.5A(3.8A)
1.7A(2.5A)
1.3A(1.9A)
3
Maximum output power (Peak *6)
60.0W(-)
60.0W(-)
60.0W(91.2W)
61.2W(90.0W)
62.4W(91.2W)
4
Adjustable voltage range
*1
11.4 ~ 12.6V
14.3 ~ 15.8V
22.8 ~ 25.2V
34.2 ~ 37.8V
45.6 ~ 50.4V
5
Efficiency (120/230VAC, TYP)
*1
81% / 76%
82% / 77%
83% / 78%
84% / 79%
85% / 80%
6
Maximum ripple noise
150mVpp
150mVpp
150mVpp
250mVpp
250mVpp
7
Over current protection
*3
5.3A ~
4.2A ~
4.0A ~
2.6A ~
2.0A ~
8
Over voltage protection
*4
13.8V ~
17.3V ~
27.6V ~
41.4V ~
55.2V ~
9
Input voltage range
85V ~ 264V
10
Input frequency range
47Hz ~ 63Hz
11
Input current
*1
1.6A (100VAC), 0.9A(230VAC)
12
Inrush current
*2
20Apk MAX (120VAC), 40Apk MAX (240VAC)
13
Hold-up time
*5
20msMIN
Notes
*1 When maximum output is worked
*2 When cold start works with rated voltage at 25ºC ambient temperature
*3 Recovers automatically
*4 Recovers on input again
*5 When maximum output is worked, after last AC line peak
*6 (Peak) : Peak Loads for 10 seconds or less are acceptable.
Specifications subject to change without notice.(2004.9)


Similar Part No. - MSW60

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MSW6000-600 MA-COM-MSW6000-600 Datasheet
971Kb / 12P
SP6T PIN Diode Switches
More results

Similar Description - MSW60

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
PSW60 RUBYCON-PSW60_15 Datasheet
200Kb / 2P
85 to 264VAC universal input
logo
Wall Industries,Inc.
PSME15 WALL-PSME15 Datasheet
182Kb / 4P
85 - 264VAC (125 - 373VDC) Input Voltage Range
PSMP20 WALL-PSMP20 Datasheet
386Kb / 4P
85 - 264VAC (125 - 373VDC) Input Voltage Range
logo
Powerbox
AIM-AC POWERBOX-AIM-AC Datasheet
147Kb / 1P
Universal input: 85 to 264VAC
logo
Total Power Internation...
TPILED160 TOTAL-POWER-TPILED160 Datasheet
120Kb / 1P
Universal AC Input 90-264Vac
logo
Recom International Pow...
RAC150-G RECOM-RAC150-G Datasheet
932Kb / 8P
Universal Input 90-264VAC
RAC04-C230 RECOM-RAC04-C230 Datasheet
90Kb / 3P
Universal Input 80-264VAC
RAC35-G RECOM-RAC35-G Datasheet
548Kb / 5P
Universal Input 90-264VAC
RAC45-G RECOM-RAC45-G Datasheet
550Kb / 5P
Universal Input 90-264VAC
logo
Wall Industries,Inc.
PSFAA-03 WALL-PSFAA-03 Datasheet
181Kb / 3P
Universal Input of 85~264VAC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com