Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2S Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # P2S
Description  POLYPROPYLENE FILM CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

P2S Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  P2S Datasheet HTML 1Page - RUBYCON CORPORATION P2S Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POLYPROPYLENE FILM CAPACITORS
P2S
◆FEATURES
・Negative temprature coefficient.
・Dissipation factor is very small.
・RoHS compliance.
SERIES
P2S
◆STANDARD SIZE
Part No.
Dimensions (mm)
Typical Packaging Quantity (pcs)
Cap(μF)
Rated
Voltage
A
B
C
F
LS±0.5
※
d
Bag
Carton
TV
−−
−
Long Lead type
Taping Ammo Pack Type - Style
−
100
Vdc
0.00022
3.5±1.0
5.0
0.5
200
5,000 2,000
100P2S221□**
0.00027
3.5±1.0
5.0
0.5
200
5,000 2,000
100P2S271□**
0.00033
3.5±1.0
5.0
0.5
200
5,000 2,000
100P2S331□**
0.00039
3.5±1.0
5.0
0.5
200
5,000 2,000
100P2S391□**
0.00047
3.5±1.0
5.0
0.5
200
5,000 2,000
100P2S471□**
0.00056
3.5±1.0
5.0
0.5
200
5,000 2,000
100P2S561□**
0.00068
3.5±1.0
5.0
0.5
200
5,000 2,000
100P2S681□**
0.00082
3.5±1.0
5.0
0.5
200
5,000 2,000
100P2S821□**
0.001
3.5±1.0
5.0
0.5
200
5,000 2,000
100P2S102□**
0.0012
3.5±1.0
5.0
0.5
200
5,000 2,000
100P2S122□**
0.0015
3.5±1.0
5.0
0.5
200
5,000 2,000
100P2S152□**
0.0018
3.5±1.0
5.0
0.5
200
5,000 2,000
100P2S182□**
0.0022
3.5±1.0
5.0
0.5
200
5,000 2,000
100P2S222□**
0.0027
3.5±1.0
5.0
0.5
200
5,000 2,000
100P2S272□**
0.0033
3.5±1.0
5.0
0.5
200
5,000 2,000
100P2S332□**
0.0039
3.5±1.0
5.0
0.5
200
5,000 2,000
100P2S392□**
0.0047
3.5±1.0
5.0
0.5
200
5,000 2,000
100P2S472□**
0.0056
3.5±1.0
5.0
0.5
200
5,000 2,000
100P2S562□**
0.0068
3.5±1.0
5.0
0.5
200
5,000 2,000
100P2S682□**
0.0082
3.5±1.0
5.0
0.5
200
5,000 1,500
100P2S822□**
0.01
3.5±1.0
5.0
0.5
200
5,000 1,500
100P2S103□**
0.012
3.5±1.0
5.0
0.5
200
5,000 1,500
100P2S123□**
0.015
5.0±1.0
5.0
0.5
200
5,000 1,500
100P2S153□**
0.018
5.0±1.0
5.0
0.5
200
5,000 1,500
100P2S183□**
0.022
5.0±1.0
5.0
0.5
200
4,000 1,500
100P2S223□**
0.027
5.0±1.0
5.0
0.5
200
4,000 1,500
100P2S273□**
0.033
5.0±1.0
5.0
0.5
200
4,000
100P2S333□**
0.039
5.0±1.0
5.0
0.5
200
4,000
100P2S393□**
0.047
7.5±1.5
5.0
0.5
200
3,000
100P2S473□**
0.056
7.5±1.5
5.0
0.5
200
3,000
100P2S563□**
0.068
7.5±1.5
5.0
0.5
200
3,000
100P2S683□**
0.082
7.5±1.5
5.0
0.5
200
3,000
100P2S823□**
0.1
7.5±1.5
5.0
0.5
200
1,000
100P2S104□**
6.5
6.5
6.5
6.5
6.5
6.5
6.5
6.5
6.5
6.5
7.0
7.0
7.0
7.5
7.5
7.5
7.5
7.5
7.5
7.5
8.0
8.0
8.0
8.5
9.0
9.0
9.5
10.0
11.0
11.5
12.0
12.5
12.5
4.0
4.0
4.0
4.0
4.5
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.5
4.0
4.0
4.0
4.0
5.0
5.0
5.0
5.0
5.5
6.0
6.5
6.5
7.0
7.0
7.0
7.0
8.0
8.5
9.5
9.0
9.0
9.0
9.0
9.0
9.0
8.5
8.5
8.5
8.5
8.5
8.5
8.5
8.5
8.5
8.5
8.5
8.5
9.5
10.0
10.0
10.0
11.0
11.0
13.5
13.5
14.0
14.5
16.0
16.5
16.5
17.0
17.0
※LS:Please refer to Taping specification section.
◆OUTLINE
(mm)
◆SPECIFICATIONS
C<0.001μF:±3%(H), ±5%(J), ±10%(K) C≧0.001μF:±2%(G),±3%(H), ±5%(J), ±10%(K)
0.001max at 1kHz
UR×200% 60s
30000MΩmin
JIS C 5101-13, JIS C 5101-1
100Vdc, 250Vdc
Category Temperature Range
Rated Voltage (UR)
Voltage Proof
Insulation Resistance
Reference Standard
Capacitance Tolerance
tanδ
−25℃∼+85℃
※Derate the voltage as shown in the "CAUTION FOR PROPER USE OF FILM CAPACITORS" when using the capacitor beyond 70℃.)
※
Foil Winding Type : Low D.F.
◆PART NUMBER
□□□
Rated Voltage
P2S
Series
□□□
Option
T□
Taping
□□□
Capacitance
□
Capacitance Tolerance
□:Capacitance Tolerance **:Taping
A max
F
B max
φd±0.05
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−


Similar Part No. - P2S

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
P2S MEANWELL-P2S Datasheet
500Kb / 5P
6W AC-DC Reliable Green Medical Adaptor
2018-01-15
P2S S761K MEANWELL-P2S S761K Datasheet
500Kb / 5P
6W AC-DC Reliable Green Medical Adaptor
2018-01-15
logo
SUNMATE electronic Co.,...
P2SMA100A SUNMATE-P2SMA100A Datasheet
910Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
P2SMA100CA SUNMATE-P2SMA100CA Datasheet
910Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
P2SMA10A SUNMATE-P2SMA10A Datasheet
910Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
More results

Similar Description - P2S

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MPXQD47K CDE-MPXQD47K Datasheet
139Kb / 1P
Polypropylene Film Capacitors
logo
MERITEK ELECTRONICS COR...
DPPN MERITEK-DPPN Datasheet
111Kb / 1P
Polypropylene Film Capacitors
PPL MERITEK-PPL Datasheet
157Kb / 1P
Polypropylene Film Capacitors
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
Metallized Polypropylene Film Capacitors
TPPN MERITEK-TPPN Datasheet
107Kb / 1P
Polypropylene Film Capacitors
logo
EPCOS
B32656S EPCOS-B32656S_12 Datasheet
481Kb / 29P
Film Capacitors Metallized Polypropylene Film Capacitors (MKP)
B32671L EPCOS-B32671L Datasheet
570Kb / 30P
Film Capacitors Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MFP_B32686A TDK-MFP_B32686A Datasheet
313Kb / 16P
Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
MFP_B32686S TDK-MFP_B32686S Datasheet
391Kb / 20P
Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
Metallized Polypropylene Film Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com