Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # PCK
Description  METALLIZED POLYPROPYLENE FILM CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

PCK Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  PCK Datasheet HTML 1Page - RUBYCON CORPORATION PCK Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
◆SPECIFICATIONS
±5%(J), ±10%(K)
0.001max at 1kHz
UR×150% 60s
JIS C5101-16, JIS C5101-1
450Vdc, 630Vdc, 800Vdc, 1000Vdc,
1250Vdc, 1600Vdc, 2000Vdc
−40∼+105℃
(Derate the voltage as shown CAUTION FOR PROPER USE OF
FILM CAPACITORS when using the capacitor beyond 85℃)
Rated Voltage (UR)
Category Temperature Range
Voltage Proof
Insulation Resistance
Reference Standard
Capacitance Tolerance
tanδ
METALLIZED POLYPROPYLENE FILM CAPACITORS
PCK
SERIES
PCK
◆FEATURES
High ripple current by special structure.
High current correspondence by low ESR.
Reduced a buzz by optimization of the production condition.
Coated with flame-retardant (UL94 V-0) epoxy resin.
RoHS compliance.
◆OUTLINE
(mm)
◆PART NUMBER
□□□
Rated Voltage
PCK
Series
□□□
Option
□□
Lead Forming
□□□
Capacitance
Capacitance Tolerance
A max
φ d±0.05
B max
F
High RIpple Current, Low Buzz
C≦0.33μF:25000MΩmin
C>0.33μF: 7500ΩFmin


Similar Part No. - PCK

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PCK MACOM-PCK Datasheet
234Kb / 2P
Slim 16 AmpMiniature Power PC Board Relay
logo
Nichicon corporation
PCK NICHICON-PCK Datasheet
993Kb / 2P
Chip Type, Ultra-low ESR
logo
Tyco Electronics
PCK-105D2M MACOM-PCK-105D2M Datasheet
234Kb / 2P
Slim 16 Amp Miniature Power PC Board Relay
PCK-105D2M000 MACOM-PCK-105D2M000 Datasheet
234Kb / 2P
Slim 16 Amp Miniature Power PC Board Relay
PCK-106D2M MACOM-PCK-106D2M Datasheet
234Kb / 2P
Slim 16 Amp Miniature Power PC Board Relay
More results

Similar Description - PCK

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
Metallized Polypropylene Film Capacitors
19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
Metallized Polypropylene Film Capacitors
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
Metallized Polypropylene Film Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com