Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # PCK
Description  METALLIZED POLYPROPYLENE FILM CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

PCK Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  PCK Datasheet HTML 1Page - RUBYCON CORPORATION PCK Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆STANDARD SIZE
Part No.
Dimensions (mm)
Typical Packing Quantity (pcs)
cap(μF)
Rated
Voltage
A
B
C
F±1.0
LS±0.5
d
Bag
Carton
Long Lead type
Permissible Current
(100kHz)
(Arms)
METALLIZED POLYPROPYLENE FILM CAPACITORS
PCK
630
Vdc
800
Vdc
1000
Vdc
(101)
1250
Vdc
(121)
1600
Vdc
(161)
2000
Vdc
(201)
450
Vdc
□:Capacitance Tolerance  **:Lead Forming
・For details, please consult our sales offices.
・AC type is also available.
2.2
3.3
4.7
6.8
10
15
22
33
1
1.5
2.2
3.3
4.7
6.8
10
15
0.68
1
1.5
2.2
3.3
4.7
6.8
10
0.68
1
1.5
2.2
3.3
4.7
0.22
0.33
0.47
0.68
1
1.5
2.2
3.3
0.1
0.15
0.22
0.33
0.47
0.01
0.015
0.022
0.033
0.047
0.068
0.1
0.15
0.22
21.0
21.0
26.0
26.0
26.0
26.0
26.0
36.0
21.0
21.0
21.0
26.0
26.0
26.0
36.0
36.0
21.0
21.0
21.0
21.0
26.0
26.0
36.0
36.0
21.0
21.0
26.0
26.0
36.0
36.0
21.0
21.0
21.0
21.0
26.0
26.0
36.0
36.0
29.0
29.0
35.0
35.0
35.0
29.0
29.0
29.0
29.0
29.0
35.0
35.0
35.0
45.0
16.5
19.0
19.0
22.0
25.5
30.0
35.5
35.0
16.0
19.0
22.0
23.0
26.0
30.0
30.0
34.0
18.0
21.0
24.5
28.5
30.0
35.0
34.0
40.0
22.5
26.5
26.5
31.5
30.5
36.0
19.0
22.5
26.0
30.5
29.5
35.5
33.5
40.0
23.0
27.0
25.0
29.0
34.0
17.0
19.0
22.0
25.5
30.0
22.0
25.5
30.0
31.0
18.5
21.0
21.0
24.0
27.5
32.0
37.5
37.0
18.0
21.0
24.0
25.0
28.0
32.0
32.0
36.0
20.0
23.0
26.5
30.5
32.0
37.0
36.0
42.0
24.5
28.5
28.5
33.5
32.5
38.0
21.0
24.5
28.0
32.5
31.5
37.5
35.5
42.0
25.0
29.0
27.0
31.0
36.0
19.0
21.0
24.0
27.5
32.0
24.0
27.5
32.0
33.0
17.5
17.5
22.5
22.5
22.5
22.5
22.5
32.5
17.5
17.5
17.5
22.5
22.5
22.5
32.5
32.5
17.5
17.5
17.5
17.5
22.5
22.5
32.5
32.5
17.5
17.5
22.5
22.5
32.5
32.5
17.5
17.5
17.5
17.5
22.5
22.5
32.5
32.5
25.0
25.0
31.5
31.5
31.5
25.0
25.0
25.0
25.0
25.0
31.5
31.5
31.5
41.5
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
1.0
1.0
1.0
1.2
1.2
1.2
1.2
1.2
1.0
1.0
1.0
1.2
1.2
1.2
1.2
1.2
1.0
1.0
1.0
1.2
1.2
1.2
1.2
1.2
1.0
1.2
1.2
1.2
1.2
1.2
1.0
1.0
1.0
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.0
1.0
1.2
1.2
1.2
1.2
1.2
1.2
1.2
100
100
100
100
50
50
40
20
100
100
100
100
50
50
40
40
100
100
100
50
50
40
40
20
100
100
50
50
40
20
100
100
100
50
50
40
40
20
50
50
50
40
40
100
100
100
50
50
50
50
40
20
500
500
400
300
250
200
160
100
800
500
400
300
300
200
160
120
500
500
300
250
200
160
120
80
300
300
200
200
160
100
500
300
300
200
200
160
120
80
300
200
200
200
120
500
300
300
200
200
250
200
160
100
450PCK225□**
450PCK335□**
450PCK475□**
450PCK685□**
450PCK106□**
450PCK156□**
450PCK226□**
450PCK336□**
630PCK105□**
630PCK155□**
630PCK225□**
630PCK335□**
630PCK475□**
630PCK685□**
630PCK106□**
630PCK156□**
800PCK684□**
800PCK105□**
800PCK155□**
800PCK225□**
800PCK335□**
800PCK475□**
800PCK685□**
800PCK106□**
101PCK684□**
101PCK105□**
101PCK155□**
101PCK225□**
101PCK335□**
101PCK475□**
121PCK224□**
121PCK334□**
121PCK474□**
121PCK684□**
121PCK105□**
121PCK155□**
121PCK225□**
121PCK335□**
161PCK104□**
161PCK154□**
161PCK224□**
161PCK334□**
161PCK474□**
201PCK103□**
201PCK153□**
201PCK223□**
201PCK333□**
201PCK473□**
201PCK683□**
201PCK104□**
201PCK154□**
201PCK224□**
4.8
5.5
6.5
7.2
8.0
9.8
10.8
11.2
4.8
5.6
7.2
8.0
8.5
9.0
10.0
10.4
4.6
5.4
6.7
8.6
8.7
10.0
9.3
10.0
6.5
8.2
8.5
10.0
10.0
10.5
5.5
6.0
7.0
7.6
8.0
10.0
9.4
10.4
6.0
7.0
6.0
8.0
9.0
2.8
3.9
5.0
6.3
7.4
5.3
6.8
7.8
8.7



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com