Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USK Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # USK
Description  SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

USK Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  USK Datasheet HTML 1Page - RUBYCON CORPORATION USK Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0.2(20℃,
120Hz)
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
USK
SERIES
USK
◆SPECIFICATIONS
◆PART NUMBER
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
(tanδ)
Dissipation Factor(MAX)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)
Items
Characteristics
−25∼+85℃
400∼450Vdc
±20%
(20℃,
120Hz)
I=Leakage Current(μA)
V=Rated Voltage(Vdc)
C=Capacitance(μF)
Rated Voltage
(Vdc)
Z
(−25℃)
/Z
(20℃)
400∼450
8
Leakage Current
Dissipation Factor
Capacitance Change
Within ±20% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
85℃ Ultra Miniaturized, Snap-in Terminal Type
◆FEATURES
・Load Life : 85℃ 3000 hours.
・Smaller size than USH series.
・RoHS compliance.
(120Hz)
After applying rated voltage with rated ripple current for 3000 hours at 85℃,
the capacitors shall meet the following requirements.
□□□
Rated Voltage
USK
Series
SN
Terminal Code
□□□
Option
D×L
Case Size
□□□□□
Capacitance
M
Capacitance Tolerance
I=3 CV (After 5 minutes application of rated voltage)
◆DIMENSIONS
(mm)
MOUNTING HOLES
10±0.1
φD±1
2-φ2
10
φD±1
NEGATIVE
4±0.5
L±2
SLEEVE(PET)
VENT
●SN[4mm]terminal type
Terminal code : SN(Tin plating)
◆OPTION
PET Sleeve without plate
EFC
Code
NEW
Frequency
(Hz)
Coefficient
60(50) 120(100)
500
1k
10k≦
0.80
1.00
1.20
300
1.15
1.25
1.40
◆MULTIPLIER FOR RIPPLE CURRENT


Similar Part No. - USK

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
USKB SHINDENGEN-USKB Datasheet
1Mb / 6P
SILICON BRIDGE DIODES
logo
Gaomi Xinghe Electronic...
USKBF GXELECTRONICS-USKBF Datasheet
481Kb / 2P
3.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
More results

Similar Description - USK

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MHT MERITEK-MHT Datasheet
284Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
MWC MERITEK-MWC Datasheet
292Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
VXH RUBYCON-VXH_15 Datasheet
149Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
VXK RUBYCON-VXK Datasheet
167Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
VXR RUBYCON-VXR_15 Datasheet
241Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC10000MEFCSN25X25 RUBYCON-25USC10000MEFCSN25X25 Datasheet
325Kb / 4P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com