Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USK Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # USK
Description  SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

USK Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  USK Datasheet HTML 1Page - RUBYCON CORPORATION USK Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
USK
Vdc
Vdc
Vdc
Cap
(μF)
150
180
220
270
330
390
470
560
680
820
1000
1200
150
180
220
270
330
390
470
560
680
820
1000
1200
120
150
180
220
270
330
390
470
560
680
820
1000
22×25
22×30
22×30
22×35
22×40
22×50
22×60
30×25
30×30
30×35
30×40
30×45
30×50
30×60
25×25
25×30
25×35
25×40
25×45
25×55
25×60
1.40
1.60
1.74
1.99
2.26
2.64
3.03
1.68
1.95
2.23
2.50
2.81
3.24
3.58
1.98
2.30
2.61
2.92
3.25
3.57
4.12
35×25
35×30
35×35
35×40
35×50
35×55
2.12
2.50
2.83
3.17
3.79
4.09
22×25
22×30
22×35
22×40
22×45
22×50
30×25
30×30
30×30
30×35
30×40
30×50
30×55
25×25
25×30
25×30
25×35
25×40
25×50
25×55
1.42
1.63
1.87
2.13
2.41
2.67
1.59
1.84
1.98
2.27
2.54
2.97
3.28
1.91
2.22
2.31
2.63
2.95
3.47
3.80
35×25
35×30
35×35
35×40
35×45
35×50
35×60
2.10
2.47
2.81
3.15
3.47
3.78
4.36
22×25
22×30
22×30
22×35
22×40
22×50
22×60
30×25
30×30
30×35
30×40
30×45
30×50
30×60
25×25
25×30
25×35
25×40
25×45
25×55
25×60
1.30
1.53
1.65
1.89
2.15
2.51
2.86
1.60
1.85
2.12
2.41
2.67
3.09
3.40
1.90
2.22
2.51
2.82
3.13
3.46
3.97
35×25
35×30
35×30
35×35
35×40
35×45
35×55
2.04
2.39
2.43
2.78
3.10
3.43
4.01
◆STANDARD SIZE
φD
φ22
φ25
φ30
φ35
400
Cap
(μF)
φD
φ22
φ25
φ30
φ35
420
Cap
(μF)
φD
φ22
φ25
φ30
φ35
450
Case Size φD×L(mm)
Ripple Current (A r.m.s./120Hz, 85℃)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com