Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WA Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # WA
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

WA Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  WA Datasheet HTML 1Page - RUBYCON CORPORATION WA Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
◆SPECIFICATIONS
Characteristics
−25∼+85℃
350∼450Vdc
−40∼+85℃
6.3∼250Vdc
±20%(20℃, 120Hz)
Rated Voltage
(Vdc)
tanδ
0.26
6.3
0.22
10
0.18
16
0.16
25
0.14
35
0.12
50
0.20 0.20 0.20 0.20 0.20
160 200 250 350 400
0.20
450
Rated Voltage
(Vdc)
Z(−40℃)/Z(20℃)
Z(−25℃)/Z(20℃)
6.3
12
10
10
16
8
25
6
35
4
64432
50
3
2
160
3
200
3
250
3
350
5
400
5
450
7
After applying rated voltage with rated ripple current for 2000 hours at 85℃,
the capacitors shall meet the following requirements.
When capacitance is over 1000μF, tanδ shall be added 0.02 to the listed value with increase of every 1000μF.
(20℃, 120Hz)
(120Hz)
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
(tanδ)
Dissipation Factor(MAX)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)
Items
Leakage Current
Dissipation Factor
Capacitance Change
Within ±25% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
◆MULTIPLIER FOR RIPPLE CURRENT
◆PART NUMBER
□□□
Rated Voltage
WA
Series
□□□
Option
□□
Lead Forming
D×L
Case Size
□□□□□
Capacitance
M
Capacitance Tolerance
160∼450Vdc
6.3∼50Vdc
CV≦1000
CV>1000
I=0.1CV+40
μA (1minute)
I=0.03CV+15
μA (5minutes)
I=0.04CV+100
μA (1minute)
I=0.02CV+25
μA (5minutes)
Leakage Current(MAX)
I=0.01CV or 3μA whichever is greater.
(After 2 minutes application of rated voltage)
I=Leakage Current(μA)     C=Capacitance(μF)     V=Rated Voltage(Vdc)
Frequency
(Hz)
Coefficient
60(50) 120
500
1k
10k≦
0.65 1.00 1.20 1.30 1.50
0.80
1.5∼6.8μF
10∼68μF
1.00 1.20 1.30 1.50
0.80
100∼1000μF
1.00 1.10 1.15 1.20
0.80
2200∼10000μF
1.00 1.05 1.10 1.15
◆OPTION
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
WA
SERIES
WA
85℃ 9mm∼25mm Height
◆FEATURES
・9∼25mm height.
・RoHS compliance.
PET Sleeve
Code
EFC


Similar Description - WA

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRBX NIC-NRBX Datasheet
166Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LW NIC-NRE-LW Datasheet
187Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LX NIC-NRE-LX Datasheet
38Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRE-SW NIC-NRE-SW Datasheet
134Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRSA NIC-NRSA Datasheet
168Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRSH NIC-NRSH Datasheet
282Kb / 3P
Miniature Aluminum Electrolytic Capacitors
NRWP NIC-NRWP Datasheet
189Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRWX NIC-NRWX Datasheet
139Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NSRW NIC-NSRW Datasheet
137Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NSRZ NIC-NSRZ Datasheet
121Kb / 1P
Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com