Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WA Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # WA
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

WA Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  WA Datasheet HTML 1Page - RUBYCON CORPORATION WA Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆DIMENSIONS
(mm)
6.3
Size
Ripple
10
Size
Ripple
16
Size
Ripple
25
Size
Ripple
35
Size
Ripple
50
Size
Ripple
680
1000
2200
3300
4700
6800
10000
18×20
1700
16×20
1550
18×16
1200
12.5×16 1100
12.5×16 1080
18×25
2150
18×20
1650
16×20
1550
16×16
1120
18×25
2050
18×20
1600
16×20
1500
16×16
1100
1080
10×9
510
8×9
380
8×9
350
18×25
2000
18×20
1550
16×20
1400
18×25
1850
18×20
1500
16×16
950
12.5×16
760
760
10×9
420
10×9
360
8×9
260
18×25
1650
16×20
1050
16×16
810
470
220
330
150
100
12.5×16
700
10×9
320
8×9
240
12.5×16
940
12.5×16
10×9
460
10×9
410
8×9
320
12.5×16
10×9
550
8×9
420
8×9
380
10×9
550
10×9
510
8×9
380
Vdc
Cap(μF)
Vdc
Cap(μF)
160
Size
Ripple
200
Size
Ripple
250
Size
Ripple
350
Size
Ripple
400
Size
Ripple
450
Size
Ripple
10
22
33
47
68
100
1.5
2.2
3.3
4.7
6.8
150
18×20
595
220
18×25
771
16×20
478
16×16
353
12.5×16
220
12.5×16
175
10×9
85
8×9
60
8×9
54
16×20
478
18×25
671
18×16
380
16×16
313
12.5×16
175
16×20
414
18×20
507
18×25
671
18×16
330
16×16
270
10×9
85
8×9
60
8×9
54
10×9
85
10×9
69
8×9
54
12.5×16
156
18×25
455
16×20
330
18×16
270
16×16
220
12.5×16
100
12.5×16
94
10×9
49
8×9
37
18×25
455
18×20
350
16×20
282
18×16
226
12.5×16
100
12.5×16
94
12.5×16
77
10×9
49
10×9
40
8×9
35
18×25
333
18×20
259
16×20
208
16×16
131
8×9
19
10×9
35
10×9
29
10
0.6
8
3.5
φD
φd
F
α
5.0
7.5
0.8
12.5 16
18
L≦16 :α=1.5
L≧20 :α=2.0
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
WA
◆STANDARD SIZE              Size φD×L(mm), Rated Ripple Current (mA r.m.s./85℃, 120Hz)
L+αMAX
15MIN
4MIN
φd
φD+0.5MAX
SLEEVE(PET)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com