Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # ZL
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

ZL Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  ZL Datasheet HTML 1Page - RUBYCON CORPORATION ZL Datasheet HTML 2Page - RUBYCON CORPORATION ZL Datasheet HTML 3Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
◆STANDARD SIZE
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZL
Rated
Voltage
(Vdc)
Capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
20℃, 100kHz −10℃, 100kHz
Impedance
(Ω MAX)
6.3
10
39
68
150
150
220
330
560
820
1000
1200
1200
1500
2200
3300
3900
4700
5600
5600
6800
27
56
100
120
180
220
470
680
680
1000
1000
1200
1500
2200
3300
3900
3900
4700
5600
4×7
5×7
6.3×7
5×11
8×7
6.3×11
8×11.5
8×16
10×12.5
8×20
10×16
10×20
10×23
12.5×20
12.5×25
12.5×30
12.5×35
16×20
16×25
4×7
5×7
5×11
6.3×7
8×7
6.3×11
8×11.5
8×16
10×12.5
8×20
10×16
10×20
10×23
12.5×20
12.5×25
12.5×30
16×20
12.5×35
16×25
130
210
300
250
380
405
760
995
1030
1250
1430
1820
2150
2360
2770
3290
3400
3140
3460
130
210
250
300
380
405
760
995
1030
1250
1430
1820
2150
2360
2770
3290
3140
3400
3460
0.85
0.43
0.23
0.30
0.15
0.13
0.072
0.056
0.053
0.041
0.038
0.023
0.022
0.021
0.018
0.016
0.015
0.018
0.016
0.89
0.44
0.30
0.23
0.15
0.13
0.072
0.056
0.053
0.041
0.038
0.023
0.022
0.021
0.018
0.016
0.018
0.015
0.016
2.6
1.3
0.69
1.0
0.45
0.41
0.22
0.17
0.16
0.13
0.12
0.069
0.066
0.053
0.045
0.041
0.039
0.045
0.043
2.7
1.4
1.0
0.69
0.45
0.41
0.22
0.17
0.16
0.13
0.12
0.069
0.066
0.053
0.045
0.041
0.045
0.039
0.043
Rated
Voltage
(Vdc)
Capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
20℃, 100kHz −10℃, 100kHz
Impedance
(Ω MAX)
18
33
56
68
120
120
330
470
470
680
680
1000
1200
1500
2200
2700
2700
3300
3900
15
27
47
56
100
100
220
330
330
470
470
680
820
1000
1500
1800
1800
2200
2700
4×7
5×7
5×11
6.3×7
8×7
6.3×11
8×11.5
8×16
10×12.5
8×20
10×16
10×20
10×23
12.5×20
12.5×25
12.5×30
16×20
12.5×35
16×25
4×7
5×7
5×11
6.3×7
8×7
6.3×11
8×11.5
8×16
10×12.5
8×20
10×16
10×20
10×23
12.5×20
12.5×25
12.5×30
16×20
12.5×35
16×25
130
210
250
300
380
405
760
995
1030
1250
1430
1820
2150
2360
2770
3290
3140
3400
3460
130
210
250
300
380
405
760
995
1030
1250
1430
1820
2150
2360
2770
3290
3140
3400
3460
0.92
0.45
0.30
0.24
0.15
0.13
0.072
0.056
0.053
0.041
0.038
0.023
0.022
0.021
0.018
0.016
0.018
0.015
0.016
0.94
0.46
0.30
0.24
0.15
0.13
0.072
0.056
0.053
0.041
0.038
0.023
0.022
0.021
0.018
0.016
0.018
0.015
0.016
2.8
1.4
1.0
0.72
0.45
0.41
0.22
0.17
0.16
0.13
0.12
0.069
0.066
0.053
0.045
0.041
0.045
0.039
0.043
2.9
1.4
1.0
0.72
0.45
0.41
0.22
0.17
0.16
0.13
0.12
0.069
0.066
0.053
0.045
0.041
0.045
0.039
0.043
16
25



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com