Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL Datasheet(PDF) 3 Page - RUBYCON CORPORATION

Part # ZL
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

ZL Datasheet(HTML) 3 Page - RUBYCON CORPORATION

  ZL Datasheet HTML 1Page - RUBYCON CORPORATION ZL Datasheet HTML 2Page - RUBYCON CORPORATION ZL Datasheet HTML 3Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
◆STANDARD SIZE
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZL
Rated
Voltage
(Vdc)
Capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
20℃, 100kHz −10℃, 100kHz
Impedance
(Ω MAX)
35
50
10
18
33
39
56
56
150
220
220
270
330
470
560
680
1000
1200
1200
1500
1800
5.6
10
22
22
33
56
100
120
150
180
220
270
330
470
560
680
820
820
1000
4×7
5×7
5×11
6.3×7
8×7
6.3×11
8×11.5
8×16
10×12.5
8×20
10×16
10×20
10×23
12.5×20
12.5×25
12.5×30
16×20
12.5×35
16×25
4×7
5×7
6.3×7
5×11
8×7
6.3×11
8×11.5
8×16
10×12.5
8×20
10×16
10×20
10×23
12.5×20
12.5×25
12.5×30
12.5×35
16×20
16×25
130
210
250
300
380
405
760
995
1030
1250
1430
1820
2150
2360
2770
3290
3140
3400
3460
130
210
300
238
380
385
724
950
979
1190
1370
1580
1870
2050
2410
2860
2960
2730
3010
0.96
0.47
0.30
0.25
0.16
0.13
0.072
0.056
0.053
0.041
0.038
0.023
0.022
0.021
0.018
0.016
0.018
0.015
0.016
1.0
0.50
0.26
0.34
0.17
0.14
0.074
0.061
0.061
0.046
0.042
0.030
0.028
0.027
0.023
0.021
0.019
0.023
0.021
2.9
1.5
1.0
0.75
0.48
0.41
0.22
0.17
0.16
0.13
0.12
0.069
0.066
0.053
0.045
0.041
0.045
0.039
0.043
3.0
1.5
0.78
1.18
0.51
0.50
0.22
0.18
0.18
0.14
0.12
0.090
0.085
0.068
0.059
0.052
0.051
0.059
0.056
Rated
Voltage
(Vdc)
Capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
20℃, 100kHz −10℃, 100kHz
Impedance
(Ω MAX)
15
33
56
82
82
120
120
180
180
220
270
330
470
470
560
560
680
680
820
820
1000
1000
1200
1200
1500
6.8
15
27
39
47
56
68
82
82
100
120
180
220
220
270
270
270
330
390
390
470
470
560
560
680
5×11
6.3×11
8×11.5
8×16
10×12.5
8×20
10×16
10×20
12.5×16
10×23
12.5×20
12.5×25
12.5×30
16×20
12.5×35
16×25
12.5×40
18×20
16×31.5
18×25
16×35.5
18×31.5
16×40
18×35.5
18×40
5×11
6.3×11
8×11.5
8×16
10×12.5
8×20
10×16
10×20
12.5×16
10×23
12.5×20
12.5×25
12.5×30
16×20
12.5×35
16×25
18×20
12.5×40
16×31.5
18×25
16×35.5
18×31.5
16×40
18×35.5
18×40
165
265
500
665
685
820
945
1100
1135
1300
1495
1850
2250
1990
2450
2550
2780
2450
2810
2780
2835
3270
3340
3310
3420
125
205
355
450
450
565
580
750
735
880
1045
1195
1410
1295
1560
1600
1470
1700
1750
1620
1890
1775
2080
2060
2570
0.88
0.35
0.22
0.16
0.15
0.12
0.11
0.080
0.082
0.073
0.060
0.043
0.039
0.045
0.033
0.032
0.029
0.038
0.026
0.031
0.021
0.025
0.019
0.020
0.018
1.4
0.57
0.36
0.25
0.24
0.19
0.18
0.13
0.13
0.12
0.094
0.071
0.063
0.071
0.052
0.053
0.069
0.046
0.041
0.049
0.033
0.039
0.030
0.031
0.028
3.5
1.4
0.88
0.64
0.60
0.48
0.44
0.32
0.27
0.29
0.20
0.14
0.13
0.14
0.11
0.096
0.096
0.10
0.078
0.084
0.063
0.068
0.057
0.054
0.049
5.6
2.3
1.4
1.0
0.96
0.76
0.72
0.52
0.43
0.48
0.31
0.23
0.21
0.21
0.17
0.16
0.19
0.15
0.12
0.13
0.10
0.11
0.090
0.084
0.076
63
100



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com