Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1413 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC1413
Description  3A High-Speed MOSFET Drivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1413 Datasheet(HTML) 3 Page - Microchip Technology

  TC1413 Datasheet HTML 1Page - Microchip Technology TC1413 Datasheet HTML 2Page - Microchip Technology TC1413 Datasheet HTML 3Page - Microchip Technology TC1413 Datasheet HTML 4Page - Microchip Technology TC1413 Datasheet HTML 5Page - Microchip Technology TC1413 Datasheet HTML 6Page - Microchip Technology TC1413 Datasheet HTML 7Page - Microchip Technology TC1413 Datasheet HTML 8Page - Microchip Technology TC1413 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
 2002 Microchip Technology Inc.
DS21392B-page 3
TC1413/TC1413N
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Supply Voltage..................................................... +20V
Input Voltage...................... VDD + 0.3V to GND – 5.0V
Power Dissipation (TA ≤ 70°C)
PDIP ........................................................ 730mW
SOIC........................................................ 470mW
Package Thermal Resistance
PDIP RθJ-A..............................................125°C/W
PDIP RθJ-C............................................... 42°C/W
SOIC RθJ-A ............................................ 155°C/W
SOIC RθJ-C .............................................. 45°C/W
Operating Temperature Range
C Version .........................................0°C to +70°C
E Version ..................................... -40°C to +85°C
Storage Temperature Range ............. -65°C to +150°C
*Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
TC1413/TC1413N ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Over operating temperature range with 4.5V
≤ VDD ≤ 16V, unless otherwise noted. Typical values are
measured at TA = +25°C, VDD = 16V.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
Input
VIH
Logic 1, High Input Voltage
2.0
——
V
VIL
Logic 0, Low Input Voltage
——
0.8
V
IIN
Input Current
-1
-10
—
—
1
10
µA0V ≤ VIN ≤ VDD, TA = +25°C
-40°C
≤ TA ≤ +85°C
Output
VOH
High Output Voltage
VDD – 0.025
——
V
DC Test
VOL
Low Output Voltage
——
0.025
V
DC Test
RO
Output Resistance
—
2.7
3.3
3.3
4
5
5
Ω
VDD = 16V, IO = 10mA, TA = +25°C,
0°C
≤ TA ≤ +70°C
-40°C
≤ TA ≤ +85°C
IPK
Peak Output Current
—
2.0
—
AVDD = 16V
IREV
Latch-Up Protection
Withstand Reverse Current
—
0.5
—
A
Duty cycle
≤ 2%, t ≤ 300µsec,
VDD = 16V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com