Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1413 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1413
Description  3A High-Speed MOSFET Drivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1413 Datasheet(HTML) 1 Page - Microchip Technology

  TC1413 Datasheet HTML 1Page - Microchip Technology TC1413 Datasheet HTML 2Page - Microchip Technology TC1413 Datasheet HTML 3Page - Microchip Technology TC1413 Datasheet HTML 4Page - Microchip Technology TC1413 Datasheet HTML 5Page - Microchip Technology TC1413 Datasheet HTML 6Page - Microchip Technology TC1413 Datasheet HTML 7Page - Microchip Technology TC1413 Datasheet HTML 8Page - Microchip Technology TC1413 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
 2002 Microchip Technology Inc.
DS21392B-page 1
M TC1413/TC1413N
Features
• Latch-Up Protected: Will Withstand 500mA
Reverse Current
• Input Will Withstand Negative Inputs Up to 5V
• ESD Protected: 4kV
• High Peak Output Current: 3A
• Wide Operating Range
- 4.5V to 16V
• High Capacitive Load Drive Capability: 1800pF in
20nsec
• Short Delay Time: 35nsec Typ
• Consistent Delay Times With Changes in Supply
Voltage
• Matched Delay Times
• Low Supply Current
-
With Logic “1” Input: 500
µA
-
With Logic “0” Input: 100
µA
• Low Output Impedance: 2.7
• Pinout Same as TC1410/TC1411/TC1412
Applications
• Switch Mode Power Supplies
• Line Drivers
• Pulse Transformer Drive
• Relay Driver
Device Selection Table
Package Type
General Description
The TC1413/TC1413N are 3A CMOS buffer/drivers.
They will not latch up under any conditions within their
power and voltage ratings. They are not subject to
damage when up to 5V of noise spiking of either
polarity occurs on the ground pin. They can accept,
without damage or logic upset, up to 500mA of current
of either polarity being forced back into their output. All
terminals are fully protected against up to 4kV of
electrostatic discharge.
As MOSFET drivers, the TC1413/TC1413N can easily
charge an 1800pF gate capacitance in 20nsec with
matched rise and fall times, and provide low enough
impedance in both the ON and the OFF states to
ensure the MOSFET’s intended state will not be
affected, even by large transients. The rise and fall time
edges are matched to allow driving short-duration
inputs with greater accuracy.
Part Number
Package
Temp. Range
TC1413COA
8-Pin SOIC
0°C to +70°C
TC1413CPA
8-Pin PDIP
0°C to +70°C
TC1413EOA
8-Pin SOIC
-40°C to +85°C
TC1413EPA
8-Pin PDIP
-40°C to +85°C
TC1413NCOA
8-Pin SOIC
0°C to +70°C
TC1413NCPA
8-Pin PDIP
0°C to +70°C
TC1413NEOA
8-Pin SOIC
-40°C to +85°C
TC1413NEPA
8-Pin PDIP
-40°C to +85°C
TC1413
1
2
3
4
VDD
5
6
7
8
OUT
GND
VDD
IN
NC
GND
NC = No internal connection
2
6, 7
Inverting
OUT
TC1413N
1
2
3
4
VDD
5
6
7
8
OUT
GND
VDD
IN
NC
GND
2
6, 7
Noninverting
OUT
8-Pin PDIP/SOIC
3A High-Speed MOSFET Drivers


Similar Part No. - TC1413

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1413 TELCOM-TC1413 Datasheet
68Kb / 5P
3A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1413 MICROCHIP-TC1413 Datasheet
345Kb / 16P
3A High-Speed MOSFET Drivers
2003
TC1413 MICROCHIP-TC1413 Datasheet
824Kb / 24P
3A High-Speed MOSFET Drivers
01/27/15
logo
TelCom Semiconductor, I...
TC1413COA TELCOM-TC1413COA Datasheet
68Kb / 5P
3A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1413COA MICROCHIP-TC1413COA Datasheet
262Kb / 18P
3A High-Speed MOSFET Drivers
2001-2012 11/27/12
More results

Similar Description - TC1413

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1413 TELCOM-TC1413 Datasheet
68Kb / 5P
3A HIGH-SPEED MOSFET DRIVERS
TC4423 TELCOM-TC4423 Datasheet
84Kb / 7P
3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
ON Semiconductor
NCP4423 ONSEMI-NCP4423 Datasheet
90Kb / 12P
3A Dual High-Speed MOSFET Drivers
October, 2000 ??Rev. 1
logo
Microchip Technology
TC1413 MICROCHIP-TC1413_03 Datasheet
345Kb / 16P
3A High-Speed MOSFET Drivers
2003
TC4423 MICROCHIP-TC4423_04 Datasheet
321Kb / 18P
3A Dual High-Speed Power MOSFET Drivers
2004
TC4423A MICROCHIP-TC4423A Datasheet
771Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
2007
TC1413 MICROCHIP-TC1413_13 Datasheet
262Kb / 18P
3A High-Speed MOSFET Drivers
2001-2012 11/27/12
TC4424AVOA713 MICROCHIP-TC4424AVOA713 Datasheet
773Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4425AVOA MICROCHIP-TC4425AVOA Datasheet
697Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC1413 MICROCHIP-TC1413_15 Datasheet
824Kb / 24P
3A High-Speed MOSFET Drivers
01/27/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com