Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC14433 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC14433
Description  3-1/2 Digit, Analog-to-Digital Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC14433 Datasheet(HTML) 4 Page - Microchip Technology

  TC14433 Datasheet HTML 1Page - Microchip Technology TC14433 Datasheet HTML 2Page - Microchip Technology TC14433 Datasheet HTML 3Page - Microchip Technology TC14433 Datasheet HTML 4Page - Microchip Technology TC14433 Datasheet HTML 5Page - Microchip Technology TC14433 Datasheet HTML 6Page - Microchip Technology TC14433 Datasheet HTML 7Page - Microchip Technology TC14433 Datasheet HTML 8Page - Microchip Technology TC14433 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TC14433/A
DS21394B-page 4
© 2002 Microchip Technology Inc.
Digital
VOL
Output Voltage
(Pins14to23) (Note 3)
—
0
0.05
—
—
0.05
V
VSS = 0 V, "0" Level
—
-5
-4.95
—
—
-4.95
V
VSS = -5V, "0" Level
VOH
Output Voltage
(Pins14to23) (Note 3)
4.95
5
—
4.95
—
—
V
VSS = 0V, "1" Level
4.95
5
—
4.95
—
—
V
VSS = -5V, "1" Level
IOH
Output Current
(Pins14to23)
-0.2
-0.36
—
-0.14
—
—
mA
VSS =0V, VOH =4.6V
Source
- 0.5
-0.9
—
-0.35
—
—
mA
VSS =-5V,VOH =5V
Source
IOL
Output Current
(Pins14to23)
0.51
0.88
—
0.36
—
—
mA
VSS =0V, VOL =0.4V
Sink
1.3
2.25
—
0.9
—
—
mA
VSS =-5V,
VOL = -4.5V Sink
fCLK
Clock Frequency
—
66
—
—
—
—
kHz
RC =300kΩ
IDU
Input Current -DU
—
±0.00001
±0.3
—
—
±1
µA
Power
IQ
Quiescent Current: 14433A:
—
—
—
—
—
—
—
VDD to VEE,ISS =0
—
0.4
2
—
—
3.7
mA
VDD =5,VEE =-5
—
1.4
4
—
—
7.4
mA
VDD =8,VEE =-8
Quiescent Current: 14433:
—
—
—
—
—
—
—
VDD to VEE,ISS =0
—
0.9
2
—
—
3.7
mA
VDD =5,VEE =-5
—
1.8
4
—
—
7.4
mA
VDD =8,VEE =-8
PSRR
Supply Rejection
—
0.5
—
—
—
—
mV/V
VDD to VEE,ISS =0,
VREF =2V,
VDD =5,VEE =-5
TC14433/A ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: VDD =+5V,VEE =-5V,C1 =0.1µF, (Mylar), C0 =0.1µF, RC =300kΩ,R1 =470kΩ @VREF =2V,
R1 =27kΩ @VREF = 200mV, unless otherwise specified.
Symbol
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Test Conditions
Note
1:
Accuracy - The accuracy of the meter at full scale is the accuracy of the setting of the reference voltage. Zero is
recalculated during each conversion cycle. The meaningful specification is linearity. In other words, the deviation from
correct reading for all inputs other than positive full scale and zero is defined as the linearity specification.
2:
The LSD stability for 200mV scale is defined as the range that the LSD will occupy 95% of the time.
3:
Pinnumbers refer to24-pinPDIP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com