Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC14433 Datasheet(PDF) 11 Page - Microchip Technology

Part # TC14433
Description  3-1/2 Digit, Analog-to-Digital Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC14433 Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC14433 Datasheet HTML 7Page - Microchip Technology TC14433 Datasheet HTML 8Page - Microchip Technology TC14433 Datasheet HTML 9Page - Microchip Technology TC14433 Datasheet HTML 10Page - Microchip Technology TC14433 Datasheet HTML 11Page - Microchip Technology TC14433 Datasheet HTML 12Page - Microchip Technology TC14433 Datasheet HTML 13Page - Microchip Technology TC14433 Datasheet HTML 14Page - Microchip Technology TC14433 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
© 2002 Microchip Technology Inc.
DS21394B-page 11
TC14433/A
FIGURE 4-2:
3-1/2 DIGIT LED VOLTMETER WITH LOW COMPONENT COUNT USING
COMMON CATHODE DISPLAYS
FIGURE 4-3:
ALTERNATE OSCILLATOR CIRCUITS
CLK1
CLK0
OR
TC14433
Input
VX
300k
Resitor Network
or Individual
Resistor*
R
+5V
Minus
Control
+5V
RM
Common
Cathode
Led Display
75492
OR
1413*
Digit Drivers
VEE**
(Minus)
Alternate Overrange Circuit
with Separated LED
+5V
OR
1/6
1/7
1413
75492
RR
OR
B1
A
B
C
D
LT
LE
I4511B
RDP
VIN
+5V
VOUT
VSS
1
µF
20k
MCP1525
470k 0.1
µF 0.1µF
C01 C02
R1 R1/C C1
VX
VAG
DU
EOE
VREF
VSS
VSS
VDD
VDD
VEE
Q0
Q1
Q2
DS4 DS3 DS2 DS1
a
b
c
d
e
f
g
Note
1:
For VREF = 2000V; V: 1.999V full scale.
2:
For VREF = 200mV; V: 199.9mV full scale (change 470k to R = 27k and decimal point position.
3:
Peak digit current for an eight displayed is 7 times the segment current:
*To increase segment current capability, add two 75491 ICs between 14511B and resistor network.
The use of the 1413 as digit driver increases digit current capability over the 75492.
**V can range between -2.8V and -11V.
(B) LC Oscillator Circuit
10
L
C
11
C
For L = 5mH and C = 0.01
µF, f
≅ 32kHz
10pF < C1 and C2 < 200pF
TC14433
TC14433
CLK1
C1
C2
CLK0
CLK1
CLK0
11
10
18M
47k
(A) Crystal Oscillator Circuit
f =
1
π
2
2/LC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com