Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C54T-HS/SS Datasheet(PDF) 24 Page - Microchip Technology

Part # PIC16C54T-HS/SS
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54T-HS/SS Datasheet(HTML) 24 Page - Microchip Technology

Back Button PIC16C54T-HS/SS Datasheet HTML 20Page - Microchip Technology PIC16C54T-HS/SS Datasheet HTML 21Page - Microchip Technology PIC16C54T-HS/SS Datasheet HTML 22Page - Microchip Technology PIC16C54T-HS/SS Datasheet HTML 23Page - Microchip Technology PIC16C54T-HS/SS Datasheet HTML 24Page - Microchip Technology PIC16C54T-HS/SS Datasheet HTML 25Page - Microchip Technology PIC16C54T-HS/SS Datasheet HTML 26Page - Microchip Technology PIC16C54T-HS/SS Datasheet HTML 27Page - Microchip Technology PIC16C54T-HS/SS Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 217 page
background image
PIC16C5X
DS30453B-page 24
Preliminary
© 1998 Microchip Technology Inc.
4.7
Indirect Data Addressing; INDF and
FSR Registers
The INDF register is not a physical register.
Addressing INDF actually addresses the register
whose address is contained in the FSR register (FSR
is a
pointer). This is indirect addressing.
EXAMPLE 4-1:
INDIRECT ADDRESSING
• Register file 05 contains the value 10h
• Register file 06 contains the value 0Ah
• Load the value 05 into the FSR register
• A read of the INDF register will return the value
of 10h
• Increment the value of the FSR register by one
(FSR = 06h)
• A read of the INDR register now will return the
value of 0Ah.
Reading INDF itself indirectly (FSR = 0) will produce
00h. Writing to the INDF register indirectly results in a
no-operation (although STATUS bits may be affected).
A simple program to clear RAM locations 10h-1Fh
using indirect addressing is shown in Example 4-2.
EXAMPLE 4-2:
HOW TO CLEAR RAM
USING INDIRECT
ADDRESSING
movlw
0x10
;initialize pointer
movwf
FSR
; to RAM
NEXT
clrf
INDF
;clear INDF register
incf
FSR,F
;inc pointer
btfsc
FSR,4
;all done?
goto
NEXT
;NO, clear next
CONTINUE
:
;YES, continue
The FSR is either a 5-bit (PIC16C52, PIC16C54s,
PIC16CR54s, PIC16C55s), 6-bit (PIC16C56s,
PIC16CR56s), or 7-bit (PIC16C57s, PIC16CR57s,
PIC16C58s, PIC16CR58s) wide register. It is used in
conjunction with the INDF register to indirectly address
the data memory area.
The FSR<4:0> bits are used to select data memory
addresses 00h to 1Fh.
PIC16C52, PIC16C54s, PIC16CR54s, PIC16C55s:
These do not use banking. FSR<6:5> are
unimplemented and read as '1's.
PIC16C57s,
PIC16CR57s,
PIC16C58s,
PIC16CR58s: FSR<6:5> are the bank select bits and
are used to select the bank to be addressed (00 =
bank 0, 01 = bank 1, 10 = bank 2, 11 = bank 3).
FIGURE 4-13: DIRECT/INDIRECT ADDRESSING
Note 1: For register map detail see Section 4.2.
bank
location select
location select
bank select
Indirect Addressing
Direct Addressing
Data
Memory(1)
0Fh
10h
Bank 0
Bank 1
Bank 2
Bank 3
0
4
5
6
(FSR)
10
00
01
11
00h
1Fh
3Fh
5Fh
7Fh
(opcode)
0
4
5
6
(FSR)
Addresses map back
to addresses in Bank 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com