Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C54T-HS/SS Datasheet(PDF) 23 Page - Microchip Technology

Part # PIC16C54T-HS/SS
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54T-HS/SS Datasheet(HTML) 23 Page - Microchip Technology

Back Button PIC16C54T-HS/SS Datasheet HTML 19Page - Microchip Technology PIC16C54T-HS/SS Datasheet HTML 20Page - Microchip Technology PIC16C54T-HS/SS Datasheet HTML 21Page - Microchip Technology PIC16C54T-HS/SS Datasheet HTML 22Page - Microchip Technology PIC16C54T-HS/SS Datasheet HTML 23Page - Microchip Technology PIC16C54T-HS/SS Datasheet HTML 24Page - Microchip Technology PIC16C54T-HS/SS Datasheet HTML 25Page - Microchip Technology PIC16C54T-HS/SS Datasheet HTML 26Page - Microchip Technology PIC16C54T-HS/SS Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 217 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS30453B-page 23
PIC16C5X
FIGURE 4-12: LOADING OF PC
BRANCH INSTRUCTIONS -
PIC16C57s/PIC16CR57s, AND
PIC16C58s/PIC16CR58s
PA1:PA0
2
STATUS
PC
87
0
PCL
9
10
PA1:PA0
2
STATUS
PC
87
0
PCL
9
10
Instruction Word
Reset to ‘0’
Instruction Word
70
70
GOTO
Instruction
CALL
or Modify PCL Instruction
4.5.1
PAGING CONSIDERATIONS –
PIC16C56
s/CR56s, PIC16C57s/CR57s AND
PIC16C58
s/CR58s
If the Program Counter is pointing to the last address
of a selected memory page, when it increments it will
cause the program to continue in the next higher page.
However, the page preselect bits in the STATUS
register will not be updated. Therefore, the next GOTO,
CALL
, or Modify PCL instruction will send the program
to the page specified by the page preselect bits (PA0
or PA1:PA0).
For example, a NOP at location 1FFh (page 0)
increments the PC to 200h (page 1). A GOTO xxx at
200h will return the program to address 0xxh on page
0 (assuming that PA1:PA0 are clear).
To prevent this, the page preselect bits must be
updated under program control.
4.5.2
EFFECTS OF RESET
The Program Counter is set upon a RESET, which
means that the PC addresses the last location in the
last page i.e., the reset vector.
The STATUS register page preselect bits are cleared
upon a RESET, which means that page 0 is
pre-selected.
Therefore, upon a RESET, a GOTO instruction at the
reset vector location will automatically cause the
program to jump to page 0.
4.6
Stack
PIC16C5X devices have a 9-bit, 10-bit or 11-bit wide,
two-level hardware push/pop stack (Figure 4-2,
Figure 4-1, and Figure 4-3 respectively).
A CALL instruction will
push the current value of stack
1 into stack 2 and then push the current program
counter value, incremented by one, into stack level 1. If
more than two sequential CALL’s are executed, only
the most recent two return addresses are stored.
A RETLW instruction will
pop the contents of stack level
1 into the program counter and then copy stack level 2
contents into level 1. If more than two sequential
RETLW
’s are executed, the stack will be filled with the
address previously stored in level 2. Note that the
W register will be loaded with the literal value specified
in the instruction. This is particularly useful for the
implementation of data look-up tables within the
program memory.
For the RETLW instruction, the PC is loaded with the
Top Of Stack (TOS) contents. All of the devices
covered in this data sheet have a two-level stack. The
stack has the same bit width as the device PC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com