Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C54T-HS/SS Datasheet(PDF) 214 Page - Microchip Technology

Part # PIC16C54T-HS/SS
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54T-HS/SS Datasheet(HTML) 214 Page - Microchip Technology

Back Button PIC16C54T-HS/SS Datasheet HTML 209Page - Microchip Technology PIC16C54T-HS/SS Datasheet HTML 210Page - Microchip Technology PIC16C54T-HS/SS Datasheet HTML 211Page - Microchip Technology PIC16C54T-HS/SS Datasheet HTML 212Page - Microchip Technology PIC16C54T-HS/SS Datasheet HTML 213Page - Microchip Technology PIC16C54T-HS/SS Datasheet HTML 214Page - Microchip Technology PIC16C54T-HS/SS Datasheet HTML 215Page - Microchip Technology PIC16C54T-HS/SS Datasheet HTML 216Page - Microchip Technology PIC16C54T-HS/SS Datasheet HTML 217Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 214 / 217 page
background image
DS30453B-page 214
Preliminary
© 1998 Microchip Technology Inc.
PIC16C5X
PIC16C54/55/56/57 PRODUCT IDENTIFICATION SYSTEM
To order or obtain information (e.g., on pricing or delivery) refer to the factory or the listed sales office.
PART NO.
-XX
X
/XX
XXX
Pattern
Package
Temperature
Range
Oscillator
Type
Device
Device
PIC16C54, PIC16C54T(2)
PIC16C55, PIC16C55T(2)
PIC16C56, PIC16C56T(2)
PIC16C57, PIC16C57T(2)
Oscillator Type
RC
LP
XT
HS
10
b(1)
= Resistor Capacitor
= Low Power Crystal
= Standard Crystal/Resonator
= High Speed Crystal
= 10 MHz Crystal
= No type for JW(3) devices
Temperature
Range
b(1)
I
E
=0
°C to +70°C (Commercial)
= -40
°C to +85°C (Industrial)
= -40
°C to +125°C (Automotive)
Package
JW
P
S
SO
SP
SS
= Windowed CERDIP
= PDIP
= Die in Waffle Pack
= SOIC (Gull Wing, 300 mil body)
= Skinny PDIP (28 pin, 300 mil body)
= SSOP (209 mil body)
Pattern
3-digit Pattern Code for QTP (blank otherwise)
Examples:
a)
PIC16C54 - XT/PXXX = "XT" oscillator,
commercial temp., PDIP, QTP pattern.
b)
PIC16C55 - XTI/SO = "XT" oscillator,
industrial temp., SOIC (OTP device)
c)
PIC16C55 /JW = Commercial temp.
CERDIP with window.
d)
PIC16C57 - RC/S = "RC" oscillator, com-
mercial temp., dice in waffle pack.
Note 1:
b = blank
2:
T = in tape and reel - SOIC, SSOP
packages only.
3:
UV erasable devices are tested to all
available voltage/frequency options.
Erased devices are oscillator type RC.
The user can select RC, LP, XT or HS
oscillators by programming the appro-
priate configuration bits.
Sales and Support
Products supported by a preliminary Data Sheet may possibly have an errata sheet describing minor operational differences and
recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
Your local Microchip sales office (see below)
The Microchip Corporate Literature Center U.S. FAX: (602) 786-7277
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
For latest version information and upgrade kits for Microchip Development Tools, please call 1-800-755-2345 or 1-602-786-7302.
1.
2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com