Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38859 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP38859
Description  3A Fast-Response High-Accuracy LDO Linear Regulator With Soft Start
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38859 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP38859 Datasheet HTML 9Page - Texas Instruments LP38859 Datasheet HTML 10Page - Texas Instruments LP38859 Datasheet HTML 11Page - Texas Instruments LP38859 Datasheet HTML 12Page - Texas Instruments LP38859 Datasheet HTML 13Page - Texas Instruments LP38859 Datasheet HTML 14Page - Texas Instruments LP38859 Datasheet HTML 15Page - Texas Instruments LP38859 Datasheet HTML 16Page - Texas Instruments LP38859 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
SS
IN
BIAS
GND
OUT
VOUT
VIN
VBIAS
CIN
10 2F Ceramic
COUT
10 2F
Ceramic
CBIAS
1 2F
GND
GND
LP38859-x.x
CSS
LP38859
www.ti.com
SNVS337F – JUNE 2006 – REVISED SEPTEMBER 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LP38859 can provide 3-A output current with 240-mV dropout voltage (typical). The bias voltage must be in
the range of 3 V to 5.5 V to ensure proper operation of the device. The input voltage must be at least VOUT +
VDO, and no higher than whatever value is used for VBIAS. Minimal input and output capacitors are each 10 μF.
The capacitor on the BIAS pin must be at least 1
μF.
8.2 Typical Application
Figure 20. LP38859 Typical Application
8.2.1 Design Requirements
For typical high-accuracy LDO linear regulator applications, use the parameters listed in Table 1.
Table 1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Bias voltage
3 V to 5.5 V
Input voltage
1.1 V to 5.5 V
Output voltages
0.8 V, 1.2 V
Output current
3 A (maximum)
Bias capacitor
1
μF (minimum)
Input capacitor
10
μF (minimum)
Output capacitor
10 uF (minimum)
8.2.2 Detailed Design Procedure
8.2.2.1 External Capacitors
To assure regulator stability, input and output capacitors are required as shown in the Figure 20.
8.2.2.1.1
Output Capacitor
A minimum output capacitance of 10 µF, ceramic, is required for stability. The amount of output capacitance can
be increased without limit. The output capacitor must be located less than 1 cm from the OUT pin of the device
and returned to the device GND pin with a clean analog ground.
Only high quality ceramic types such as X5R or X7R must be used, as the Z5U and Y5F types do not provide
sufficient capacitance over temperature.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP38859



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com