Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38859 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP38859
Description  3A Fast-Response High-Accuracy LDO Linear Regulator With Soft Start
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38859 Datasheet(HTML) 3 Page - Texas Instruments

  LP38859 Datasheet HTML 1Page - Texas Instruments LP38859 Datasheet HTML 2Page - Texas Instruments LP38859 Datasheet HTML 3Page - Texas Instruments LP38859 Datasheet HTML 4Page - Texas Instruments LP38859 Datasheet HTML 5Page - Texas Instruments LP38859 Datasheet HTML 6Page - Texas Instruments LP38859 Datasheet HTML 7Page - Texas Instruments LP38859 Datasheet HTML 8Page - Texas Instruments LP38859 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
TAB
IS
GND
BIAS
OUT
GND
SS
1
2
3
4
5
IN
TAB
IS
GND
BIAS
OUT
GND
SS
1
2
3
4
5
IN
LP38859
www.ti.com
SNVS337F – JUNE 2006 – REVISED SEPTEMBER 2015
5 Pin Configuration and Functions
KTT Package
5-Pin DDPAK/TO-263
Top View
NDH Package
5-Pin TO-220
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NUMBER
BIAS
5
I
The supply for the internal control and reference circuitry.
GND
3
—
Ground
IN
2
I
The unregulated voltage input pin.
OUT
4
O
The regulated output voltage pin.
SS
1
I
Soft-start capacitor connection. Used to slow the rise time of VOUT at turnon.
The TAB is a thermal connection that is physically attached to the backside of the die, and
TAB
TAB
—
used as a thermal heat-sink connection. See the Application and Implementation section for
details.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP38859



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com