Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38869MHE/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP38869MHE/NOPB
Description  1A FlexCap, Low-Dropout Linear Regulator with 0.75% Accuracy
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38869MHE/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP38869MHE/NOPB Datasheet HTML 9Page - Texas Instruments LP38869MHE/NOPB Datasheet HTML 10Page - Texas Instruments LP38869MHE/NOPB Datasheet HTML 11Page - Texas Instruments LP38869MHE/NOPB Datasheet HTML 12Page - Texas Instruments LP38869MHE/NOPB Datasheet HTML 13Page - Texas Instruments LP38869MHE/NOPB Datasheet HTML 14Page - Texas Instruments LP38869MHE/NOPB Datasheet HTML 15Page - Texas Instruments LP38869MHE/NOPB Datasheet HTML 16Page - Texas Instruments LP38869MHE/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
CIN
1 PF
ON-
OFF-
VOUT
COUT
1 PF
LP38869
OUT
OUT
OUT
OUT
SET
GND
IN
IN
IN
IN
SS
SHDN
RST
DAP
RESET
VIN
CSS
R1
R2
LP38869
www.ti.com
SNVS877B – AUGUST 2012 – REVISED APRIL 2013
Figure 33. Typical Operating Circuit Adjustable Output Voltage
Soft-Start
As shown in Figure 34, a capacitor on the SS pin allows a gradual ramp-up of the LP38869’s output current,
reducing the initial in-rush current peaks at startup. When SHDN pin is driven low, the soft-start capacitor is
discharged to 0.0V. When the SHDN is driven high, or power is applied to the device, a constant 6.7 µA current
charges the Soft-Start capacitor from 0.0V. The resulting linear ramp voltage on SS increases the current-limit
comparator threshold, limiting the P-channel gate drive. While the voltage on the Soft-Start pin (VSS) is less than
approximately 300 mV there will be no output current. When Vss rises above approximately 300mV, the output
current limit will rise from zero to approximately 250 mA. As VSS continues to rise the current limit will also rise
proportionally so that when VSS is at typically 1.25V the current limit will be at approximately 1A. As the current
limit rises above 1A, the current limit control will pass from VSS to internal biasing circuitry. See the Soft-Start
Capacitor Selection section for details.
There is a delay time between when SHDN enables the LP38869 and when Soft-Start begins ramping up the
output current limit. This delay time allows the LP38869 internal biasing to fully turn on and settle. The delay time
is set by the time required for the Soft-Start charge current (ISS) to charge the Soft-Start capacitor from 0.0V to
typically 300 mV. This delay time accounts for approximately 25% of the total Soft-Start time (tSS). With a 100 nF
Soft-Start capacitor, the delay is approximately 4 ms with the remainder of the tSS time (approximately 15 ms)
allocated to raising the output current limit from zero to 1A.
Leaving the SS pin floating (open) will disable the Soft-Start feature by setting the tSS time to zero.
If the current demand from the load is significantly less than 1A, the time needed for the current limit to ramp up
to meet the actual current demand, after the delay time, will be a small fraction of the tSS time.
Soft-Start Capacitor Selection
Unlike typical Soft-Start circuits that control the rise of the output voltage, the LP38869 Soft-Start controls rise of
the output current limit. The resulting voltage rise across the load will depend on any reactive composition of the
load.
A capacitor (CSS) connected from the SS pin to GND causes the LP38869’s output current to slowly rise from
zero during start-up, reducing stress on the power path components and input supply. Soft-Start time (tSS) is
defined as the time from start-up (i.e. t = 0) until the current limit reaches 1A. The current limit will continue to
rise beyond 1A as the SS capacitor continues to charge to a higher voltage.
Typically, the current limit will be at 1A when the voltage on the SS capacitor (Vss) has charged to 1.25V.
The time from start-up (VSS = 0V) to when the output current limit reaches 1A (VSS = 1.25V) , can be estimated
by:
tSS = (CSS / ISS) x 1.25V
(3)
This can be simplified to:
tSS = 0.186 x CSS
(4)
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP38869



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com